Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

73VR2102-N-R Datasheet(PDF) 6 Page - M-System Co.,Ltd.

Part # 73VR2102-N-R
Description  Paperless Recording System
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

73VR2102-N-R Datasheet(HTML) 6 Page - M-System Co.,Ltd.

Back Button 73VR2102-N-R Datasheet HTML 2Page - M-System Co.,Ltd. 73VR2102-N-R Datasheet HTML 3Page - M-System Co.,Ltd. 73VR2102-N-R Datasheet HTML 4Page - M-System Co.,Ltd. 73VR2102-N-R Datasheet HTML 5Page - M-System Co.,Ltd. 73VR2102-N-R Datasheet HTML 6Page - M-System Co.,Ltd. 73VR2102-N-R Datasheet HTML 7Page - M-System Co.,Ltd. 73VR2102-N-R Datasheet HTML 8Page - M-System Co.,Ltd. 73VR2102-N-R Datasheet HTML 9Page - M-System Co.,Ltd. 73VR2102-N-R Datasheet HTML 10Page - M-System Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
MODEL: 73VR21
73VR21 SPECIFICATIONS
ES-7395 Rev.29 Page 6/18
https://www.m-system.co.jp/
Table 3-1. RTD Input, Fahrenheit
RTD
USABLE RANGE (°F)
ACCURACY
at < 32°F
at ≥ 32°F
Pt 100 (JIS ’97, IEC)
-328 to +1562
±0.8°F
±[0.72°F + Measured Value × 0.1%]
(±2.4°F at 1562°F)
Pt 200
-328 to +1562
±0.6°F
±[0.54°F + Measured Value × 0.17%]
(±3.3°F at 1562°F)
Pt 300
-328 to +1562
±[0.72°F + Measured Value × 0.08%]
(±0.5°F at -328°F)
±[0.72°F + Measured Value × 0.21%]
(±4.0°F at 1562°F)
Pt 400
-328 to +1562
±[0.72°F + Measured Value × 0.11%]
(±0.4°F at -328°F)
±[0.72°F + Measured Value × 0.21%]
(±4.0°F at 1562°F)
Pt 500
-328 to +1562
±[0.72°F + Measured Value × 0.13%]
(±0.3°F at -328°F)
±[0.72°F + Measured Value × 0.26%]
(±4.7°F at 1562°F)
Pt 1000
-328 to +1562
±[0.72°F + Measured Value × 0.15%]
(±0.2°F at -328°F)
±[0.72°F + Measured Value × 0.4%]
(±6.9°F at 1562°F)
Pt 100 (JIS ’89)
-328 to +1220
±0.8°F
±[0.72°F + Measured Value × 0.1%]
(±2.0°F at 1220°F)
JPt 100 (JIS ’89)
-328 to +950
±0.8°F
±[0.72°F + Measured Value × 0.1%]
(±1.7°F at 950°F)
Pt 50 Ω (JIS ’81)
-328 to +1200
±0.9°F at < 320°F, ±[0.72°F + Measured Value × 0.1%] at ≥ 320°F (±1.9°F at 1200°F)
Ni 100
-112 to +500
±0.6°F
Ni 120
-112 to +500
±0.6°F
Ni 508.4 Ω
-58 to +536
±[0.45°F + Measured Value × 0.06%] (±0.4°F at -58°F, ±0.8°F at 536°F)
Ni-Fe 604
-328 to +392
±1.7°F at -328°F, ±1.1°F at -238°F, ±0.9°F at ±212°F, ±1.3°F at 392°F
Cu 10 @ 25°C
-58 to +482
±2.2°F
Note 1: The lower the temperature range, the better the accuracy is for Pt 300, Pt 400, Pt 500, Pt 1000 and Ni 508.4 Ω.
‘Measured Value’ in the equations is not an absolute value. Include the minus sign when calculating accuracies.
Table 4. Temperature Coefficient
INPUT TYPE
TEMPERATURE COEFFICIENT
DC Voltage
±[Nominal Input Range × 0.015%]/°C or ±[Nominal Input Range × 0.008%]/°F
(e.g. ±0.018mV/°C with ±60mV range)
Thermocouple
±[Accuracy / 3] °C/°C or ±[Accuracy / 3] °F/°F (e.g. ±0.27°C/°C with E thermocouple)
RTD
at < 0°C or 32°F
at ≥ 0°C or 32°F
Pt 100 (JIS ’97, IEC) ±0.041°C/°C
±0.041°F/°F
±[0.041°C + Measured Value × 0.026%]/°C
±[0.041°F + Measured Value × 0.026%]/°F
Pt 200
±0.044°C/°C
±0.044°F/°F
±[0.044°C + Measured Value × 0.033%]/°C
±[0.044°F + Measured Value × 0.033%]/°F
Pt 300
±0.047°C/°C
±0.047°F/°F
±[0.047°C + Measured Value × 0.04%]/°C
±[0.047°F + Measured Value × 0.04%]/°F
Pt 400
±0.05°C/°C
±0.05°F/°F
±[0.05°C + Measured Value × 0.052%]/°C
±[0.05°F + Measured Value × 0.052%]/°F
Pt 500
±0.053°C/°C
±0.053°F/°F
±[0.053°C + Measured Value × 0.053%]/°C
±[0.053°F + Measured Value × 0.053%]/°F
Pt 1000
±[0.068°C + Measured Value × 0.025%]/°C
±[0.068°F + Measured Value × 0.025%]/°F
±[0.068°C + Measured Value × 0.087%]/°C
±[0.068°F + Measured Value × 0.087%]/°F
Pt 100 (JIS ’89)
±0.041°C/°C
±0.041°F/°F
±[0.041°C + Measured Value × 0.024%]/°C
±[0.041°F + Measured Value × 0.024%]/°F
JPt 100 (JIS ’89)
±0.041°C/°C
±0.041°F/°F
±[0.041°C + Measured Value × 0.023%]/°C
±[0.041°F + Measured Value × 0.023%]/°F
Pt 50 Ω (JIS ’81)
±0.039°C/°C
±0.039°F/°F
±[0.039°C + Measured Value × 0.021%]/°C
±[0.039°F + Measured Value × 0.021%]/°F
Ni 100
±0.028°C/°C
±0.028°F/°F
±[0.028°C + Measured Value × 0.01%]/°C
±[0.028°F + Measured Value × 0.01%]/°F
Ni 120
±0.028°C/°C
±0.028°F/°F
±[0.028°C + Measured Value × 0.01%]/°C
±[0.028°F + Measured Value × 0.01%]/°F
Ni 508.4 Ω
±0.046°C/°C
±0.046°F/°F
±[0.046°C + Measured Value × 0.018%]/°C
±[0.046°F + Measured Value × 0.018%]/°F
Ni-Fe 604
±0.058°C/°C at ≤-200°C, ±0.043°C/°C at -150°C, ±0.04°C/°C at -100°C, ±[0.047°C + Measured Value × 0.023%]/°C at ≥0°C
±0.058°F/°F at ≤-328°F, ±0.043°F/°F at -238°F, ±0.04°F/°F at -148°F, ±[0.047°F + Measured Value × 0.023%]/°F at ≥32°F
Cu 10 @ 25°C
±0.07°C/°C or ±0.07°F/°F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com