Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

73VR2102-N-R Datasheet(PDF) 7 Page - M-System Co.,Ltd.

Part # 73VR2102-N-R
Description  Paperless Recording System
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

73VR2102-N-R Datasheet(HTML) 7 Page - M-System Co.,Ltd.

Back Button 73VR2102-N-R Datasheet HTML 3Page - M-System Co.,Ltd. 73VR2102-N-R Datasheet HTML 4Page - M-System Co.,Ltd. 73VR2102-N-R Datasheet HTML 5Page - M-System Co.,Ltd. 73VR2102-N-R Datasheet HTML 6Page - M-System Co.,Ltd. 73VR2102-N-R Datasheet HTML 7Page - M-System Co.,Ltd. 73VR2102-N-R Datasheet HTML 8Page - M-System Co.,Ltd. 73VR2102-N-R Datasheet HTML 9Page - M-System Co.,Ltd. 73VR2102-N-R Datasheet HTML 10Page - M-System Co.,Ltd. 73VR2102-N-R Datasheet HTML 11Page - M-System Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
MODEL: 73VR21
73VR21 SPECIFICATIONS
ES-7395 Rev.29 Page 7/18
https://www.m-system.co.jp/
APPLICATION SOFTWARE CD
■ 73VRPAC2 (included in the product package)
• 73VR21x Builder Software: Model 73VR21BLD
Used to configure parameters on the PC.
- Parameter configurations can be downloaded to the recorder via Ethernet.
- Present setting on the 73VR21x can be uploaded and displayed on the PC.
- Configuration files can be converted into CSV.
• 73VR Data Viewer: Model 73VRWV
Used to show and analyze recorded data on the PC.
- Data stored in the CF Card can be called up on the PC screen via the CF Card Reader.
- Data stored in the CF Card can be sent by FTP and called up on the PC screen.
- Various analyzing functions
- Data, alarm history and comment files can be converted into CSV.
• PC Recorder Software: Model MSR128-V6
- The 73VR21x data can be sampled and stored in real time via Ethernet by the MSR128-V6.
• Instruction Manuals
- 73VR21x users manual
- 73VR21BLD users manual
- 73VRWV users manual
- MSR128-V6 users manual
PC REQUIREMENTS (provided by the user)
■ 73VR21x Builder Software: Model 73VR21BLD
Operating system
Windows 7 Professional (32-bit) or Windows 10 (32-bit, 64-bit)
Note: Proper software functions may not be ensured under certain conditions.
Screen area
1024 by 768 pixels or better resolution
CD drive
Windows supported CD drive is used to install the software program.
Card reader
Used to read/write the CF Card
Mouse
Windows supported
LAN card
LAN card required to connect to Ethernet; 10BASE-T or 100BASE-T cable
■ 73VR Data Viewer: Model 73VRWV
Operating system
Windows 7 Professional (32-bit) or Windows 10 (32-bit, 64-bit)
Note: Proper software functions may not be ensured under certain conditions.
Screen area
1024 by 768 pixels or higher
Display color
65000 colors (16-bit)
Main memory (RAM)
2 GB recommended
CD drive
Windows supported CD drive is used to install the software program.
Card reader
Used to read/write the CF Card
Mouse
Windows supported (Certain functions of the 73VR may be compromised if the mouse’s software driver is
not Windows standard.)
LAN card
LAN card required to connect to Ethernet; 10BASE-T or 100BASE-T cable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com