Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

73VR2110-N-R Datasheet(PDF) 3 Page - M-System Co.,Ltd.

Part # 73VR2110-N-R
Description  Paperless Recording System
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

73VR2110-N-R Datasheet(HTML) 3 Page - M-System Co.,Ltd.

  73VR2110-N-R Datasheet HTML 1Page - M-System Co.,Ltd. 73VR2110-N-R Datasheet HTML 2Page - M-System Co.,Ltd. 73VR2110-N-R Datasheet HTML 3Page - M-System Co.,Ltd. 73VR2110-N-R Datasheet HTML 4Page - M-System Co.,Ltd. 73VR2110-N-R Datasheet HTML 5Page - M-System Co.,Ltd. 73VR2110-N-R Datasheet HTML 6Page - M-System Co.,Ltd. 73VR2110-N-R Datasheet HTML 7Page - M-System Co.,Ltd. 73VR2110-N-R Datasheet HTML 8Page - M-System Co.,Ltd. 73VR2110-N-R Datasheet HTML 9Page - M-System Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
MODEL: 73VR21
73VR21 SPECIFICATIONS
ES-7395 Rev.29 Page 3/18
https://www.m-system.co.jp/
■ Thermocouple
Input resistance: 900 kΩ minimum
Input type: (PR), K (CA), E (CRC), F (IC), T (CC), B (RH), R, S,
C (WRe 5-26), N, U, L, P (Platinel II)
Burnout sensing
Upscale: ≤ 130 nA
Downscale: ≤ 220 nA
No burnout: ≤ 10 nA
Burnout sensing time
K, E, J, N, L, P (upscale): ≤ 20 seconds
Others: ≤ 10 seconds
■ RTD (3-wire)
Excitation: 1.25 V / (1.25 kΩ + load resistance across the
terminals A – C); 1.00 mA with 10 Ω across A – C;
0.55 mA with 1000 Ω across A – C
Allowable leadwire resistance: 20 Ω per wire
Input type: Pt 100 (JIS ’89), Pt 100 (JIS ’97, IEC), Pt 200, Pt
300, Pt 400, Pt 500, Pt 1000, Pt 50Ω (JIS ’81), JPt 100 (JIS
’89), Ni 100, Ni 120, Ni 508.4Ω, Ni-Fe 604, Cu 10 @ 25°C
Burnout sensing
Upscale or Downscale: ≤ 130 nA
No burnout: ≤ 10 nA
Burnout sensing time: ≤ 10 seconds
■ Trigger Input: Dry contact; detected ON at ≤ 0.8 V
Voltage across the terminals: ≤ 2.5 V
Current across the terminals: ≤ 4.0 mA
LINE NOISE
A/D CONVERSION (sec)
FILTER FREQ.
MEDIUM*
1
SLOW
FAST
100 ms RATE
50 Hz
0.39
0.54
0.27
50/60 Hz*
1
0.37
0.50
0.25
0.095
60 Hz
0.34
0.46
0.23
Multiplied by two (2) for RTD and potentiometer input.
*1. Standard setting
■ ANALOG INPUT UPDATE CYCLE
OUTPUT SPECIFICATIONS
■ Alarm Output: Photo MOSFET relay (no polarity);
≤ 50 Ω at ON, ≥ 1 MΩ at OFF; OFF when not powered
Peak load voltage: 50 V max.
Continuous load current: 50 mA max.
Peak load current: 300 mA max. (≤ 0.1 sec.)
INSTALLATION
Power consumption
•AC:
Approx. 25 VA at 100 V
Approx. 35 VA at 240 V
•DC: Approx. 11 W or 460 mA
Operating temperature: 0 to 50°C (32 to 122°F)
Display quality (e.g. decreased contrast) may deteriorate
when the recorder is used for a long time in an environment
exceeding 50°C. However, it is only a temporary
phenomenon. When the recorder is back in normal
temperature, full legibility is recovered. No damage in
performance.
Operating humidity: 30 to 85 %RH (non-condensing)
Allowable dust particles: 0.1 mg/m2 (no conductive particles)
Corrosive gas: Not allowed
Mounting: Panel flush mounting (except desktop type)
Panel cutout dimensions: 137 × 137 mm (5.39”× 5.39”)
Weight
73VR2102, 73VR2104, 73VR2106: 2.3 kg (5.1 lb)
73VR2108, 73VR2110, 73VR2112: 2.4 kg (5.3 lb)
Caution: Use of UPS (switching time: without delay, output:
sine waveforms) is recommended to prevent data loss or CF
card damage by a loss of power during recording.
PERFORMANCE
Accuracy: See Tables 1 through 3.
Cold junction compensation error: (°C)
≤ ±[1.0 + |Ambient Temp. – 25| × 0.04]
(in stable ambient temperature; e.g. ±1.4°C at 15°C and
35°C)
Applicable with balanced terminal temperature.
Error will increase by imbalances caused by direct mounting
of the REM3 to the terminals.
Temp. coefficient: See Table 4.
Response time
DC of ±1000 mV or narrower ranges or T/C:
≤ [Sampling Time + 0.3 sec.] (0 – 90 %)
DC of ± 3 V or wider ranges:
≤ [Sampling Time + 0.5 sec.] (0 – 90 %)
RTD: ≤ [Sampling Time + 0.3 sec.] (0 – 90 %)
Calendar clock accuracy: Monthly deviation 3 minutes at
25°C
Insulation resistance: ≥ 100 MΩ with 500 V DC
Dielectric strength: 500 Vpeak @ 1 minute
(input 1 to input 2 to input 3 to input 4 to
input 5 to input 6 to input 7 to input 8 to
input 9 to input 10 to input 11 to input 12 to trigger input to
alarm output to power input or FG)
Peak value including both AC and DC (e.g. 354 V AC with 0
V DC).
Nominal withstand voltage between I/O (analog input,
trigger input and alarm output) and power input is
described 500 V peak. However, as far as FG terminal is
appropriately grounded, no dielectric breakdown will occur
between I/O (with or without grounding) and other terminals
when 2000 V AC is applied between FG and power input.
AC power input: 2000V AC @ 1 minute (power input to FG
or Ethernet) 500 V AC @ 1 minute (FG to Ethernet)
DC power input: 1250 V AC @ 1 minute (power input to FG
or Ethernet) 500 V AC @1 minute (FG to Ethernet)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com