Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

73VR2110-N-R Datasheet(PDF) 5 Page - M-System Co.,Ltd.

Part # 73VR2110-N-R
Description  Paperless Recording System
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

73VR2110-N-R Datasheet(HTML) 5 Page - M-System Co.,Ltd.

  73VR2110-N-R Datasheet HTML 1Page - M-System Co.,Ltd. 73VR2110-N-R Datasheet HTML 2Page - M-System Co.,Ltd. 73VR2110-N-R Datasheet HTML 3Page - M-System Co.,Ltd. 73VR2110-N-R Datasheet HTML 4Page - M-System Co.,Ltd. 73VR2110-N-R Datasheet HTML 5Page - M-System Co.,Ltd. 73VR2110-N-R Datasheet HTML 6Page - M-System Co.,Ltd. 73VR2110-N-R Datasheet HTML 7Page - M-System Co.,Ltd. 73VR2110-N-R Datasheet HTML 8Page - M-System Co.,Ltd. 73VR2110-N-R Datasheet HTML 9Page - M-System Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
MODEL: 73VR21
73VR21 SPECIFICATIONS
ES-7395 Rev.29 Page 5/18
https://www.m-system.co.jp/
INPUT TYPE, RANGE, ACCURACY & TEMPERATURE COEFFICIENT
* Accuracy: Applicable with the common mode voltage 0V be-
tween C terminals of all channels and between C terminal
of each channel and FG terminal.
The effects by the following factors are excluded: Fast A/D
conversion mode; temperature drift with the REM3 directly
mounted to the I/O terminals; wire resistance; burnout sens-
ing current with upscale/downscale settings.
With 100 msec. storing rate, measured value may be sus-
ceptible to inaccuracies due to the fast update cycle. If this
is the case, please choose 500 msec. or slower rate.
Table 1. DC Voltage Input
INPUT RANGE
ACCURACY (mV)
±60 mV
±125 mV
±250 mV
±0.05
±0.07
±0.13
±500 mV
±1000 mV
±0.3
±0.5
±3 V
±6 V
±12 V
±3
±5
±10
Table 2-1. Thermocouple Input, Celsius
T/C
USABLE
RABGE (°C)
CONFORMANCE
RANGE (°C)
ACCURACY
(°C)
(PR)
K (CA)
E (CRC)
0 to 1770
-270 to +1370
-270 to +1000
400 to 1770
0 to 1370
0 to 1000
±4.6
±1.5
±0.8
J (IC)
T (CC)
B (RH)
-210 to +1200
-270 to +400
100 to 1820
0 to 1200
0 to 400
700 to 1820
±1.0
±1.3
±7.2
R
S
C (WRe 5-26)
-50 to +1760
-50 to +1760
0 to 2320
400 to 1760
400 to 1760
0 to 2320
±4.8
±5.3
±4.9
N
U
L
P (Platinal II)
-270 to +1300
-200 to +600
-200 to +900
0 to 1395
0 to 1300
0 to 600
0 to 900
0 to 1395
±1.9
±1.3
±1.0
±1.7
Note 1: Measuring accuracy at 50 μV emf.
Note 2: CJC error is not included.
Table 2-2. Thermocouple Input, Fahrenheit
T/C
USABLE
RABGE (°F)
CONFORMANCE
RANGE (°F)
ACCURACY
(°F)
(PR)
K (CA)
E (CRC)
32 to 3218
-454 to +2498
-454 to +1832
752 to 3218
32 to 2498
32 to 1832
±8.3
±2.7
±1.5
J (IC)
T (CC)
B (RH)
-346 to +2192
-454 to +752
212 to 3308
32 to 2192
32 to 752
1292 to 3308
±1.8
±2.4
±13.0
R
S
C (WRe 5-26)
-58 to +3200
-58 to +3200
32 to 4208
752 to 3200
752 to 3200
32 to 4208
±8.7
±9.6
±8.9
N
U
L
P (Platinal II)
-454 to +2372
-328 to +1112
-328 to +1652
32 to 2543
32 to 2372
32 to 1112
32 to 1652
32 to 2543
±3.5
±2.4
±1.8
±3.1
Table 3-1. RTD Input, Celsius
RTD
USABLE RANGE (°C)
ACCURACY
at < 0°C
at ≥ 0°C
Pt 100 (JIS ’97, IEC)
-200 to +850
±0.4°C
±[0.4°C + Measured Value × 0.1%]
(±1.3°C at 850°C)
Pt 200
-200 to +850
±0.3°C
±[0.3°C + Measured Value × 0.17%]
(±1.8°C at 850°C)
Pt 300
-200 to +850
±[0.4°C + Measured Value × 0.08%]
(±0.3°C at -200°C)
±[0.4°C + Measured Value × 0.21%]
(±2.2°C at 850°C)
Pt 400
-200 to +850
±[0.4°C + Measured Value × 0.11%]
(±0.2°C at -200°C)
±[0.4°C + Measured Value × 0.21%]
(±2.2°C at 850°C)
Pt 500
-200 to +850
±[0.4°C + Measured Value × 0.13%]
(±0.2°C at -200°C)
±[0.4°C + Measured Value × 0.26%]
(±2.6°C at 850°C)
Pt 1000
-200 to +850
±[0.4°C + Measured Value × 0.15%]
(±0.1°C at -200°C)
±[0.4°C + Measured Value × 0.4%]
(±3.8°C at 850°C)
Pt 100 (JIS ’89)
-200 to +660
±0.4°C
±[0.4°C + Measured Value × 0.1%]
(±1.1°C at 660°C)
JPt 100 (JIS ’89)
-200 to +510
±0.4°C
±[0.4°C + Measured Value × 0.1%]
(±1.0°C at 510°C)
Pt 50 Ω (JIS ’81)
-200 to +649
±0.5°C at < 160°C, ±[0.4°C + Measured Value × 0.1%] at ≥ 160°C (±1.1°C at 649°C)
Ni 100
-80 to +260
±0.3°C
Ni 120
-80 to +260
±0.3°C
Ni 508.4 Ω
-50 to +280
±[0.25°C + Measured Value × 0.06%] (±0.3°C at -50°C, ±0.5°C at 280°C)
Ni-Fe 604
-200 to +200
±0.9°C at -200°C, ±0.6°C at -150°C, ±0.5°C at ±100°C, ±0.7°C at 200°C
Cu 10 @ 25°C
-50 to +250
±1.2°C
Note 1: The lower the temperature range, the better the accuracy is for Pt 300, Pt 400, Pt 500, Pt 1000 and Ni 508.4 Ω.
‘Measured Value’ in the equations is not an absolute value. Include the minus sign when calculating accuracies.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com