Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XVC4B2 Datasheet(PDF) 3 Page - Schneider Electric

Part # XVC4B2
Description  Complete pre wired monolithic tower light, Harmony XVC, red orange, 40 mm, tube mounting, steady, without buzzer, IP23, 24 V AC DC
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

XVC4B2 Datasheet(HTML) 3 Page - Schneider Electric

  XVC4B2 Datasheet HTML 1Page - Schneider Electric XVC4B2 Datasheet HTML 2Page - Schneider Electric XVC4B2 Datasheet HTML 3Page - Schneider Electric XVC4B2 Datasheet HTML 4Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Product data sheet
Dimensions Drawings
XVC4B2
Pre-assembled and Pre-wired Tower Light with Support Tube Mounting
Dimensions
Below drawing shows the maximum configuration of the product. Select the number of stages according to the product characteristics in order to
get b dimension.
No. of illuminated units
b Without buzzer (mm)
b Without buzzer (in.)
1 stage
403.50
15.89
2 stages
438.50
17.26
3 stages
473.50
18.64
4 stages
508.50
20.02
5 stages
543.50
21.40
3



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com