Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XVC4B2 Datasheet(PDF) 1 Page - Schneider Electric

Part # XVC4B2
Description  Complete pre wired monolithic tower light, Harmony XVC, red orange, 40 mm, tube mounting, steady, without buzzer, IP23, 24 V AC DC
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

XVC4B2 Datasheet(HTML) 1 Page - Schneider Electric

  XVC4B2 Datasheet HTML 1Page - Schneider Electric XVC4B2 Datasheet HTML 2Page - Schneider Electric XVC4B2 Datasheet HTML 3Page - Schneider Electric XVC4B2 Datasheet HTML 4Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Product data sheet
Characteristics
XVC4B2
Complete pre wired monolithic tower light,
Harmony XVC, red orange, 40 mm, tube
mounting, steady, without buzzer, IP23, 24 V AC
DC
Main
Range of product
Harmony XVC4
Product or component type
Complete pre-wired monolithic tower light
Beacon or indicator bank unit type
2 illuminated units
Sound signalling
Without
Mounting diameter
40 mm
Component name
XVC
Device short name
XVC
Light source
LED steady red
LED steady orange
Supply circuit type
AC/DC
Complementary
Material
Polycarbonate: illuminated unit
ABS (acrylonitrile butadiene-styrene): base unit
PBT + ABS (UL94HB): top cover
SGP (chromium-plated): support tube
Mounting location
On support tube, 17 mm
Product mounting
On support tube, 17 mm
[Us] rated supply voltage
24 V
[Us] rated supply voltage
24 V
Cable cross section
0.33 mm²
AWG gauge
AWG 22
Cable length
600 mm
Marking
CE
[Uimp] rated impulse withstand voltage
0.8 kV
Current consumption
50 mA
Flashing frequency
1 Hz
Net weight
0.52 kg
Height
438.5 mm
 
May 24, 2021
1


Similar Part No. - XVC4B2

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
XVC4B25S SCHNEIDER-XVC4B25S Datasheet
78Kb / 4P
Monolithic tower light, red-orange, 40mm, tube mounting, steady or flashing, with buzzer 70??5 dB, IP23, 24 V AC DC
May 24, 2021
XVC4B2K SCHNEIDER-XVC4B2K Datasheet
104Kb / 4P
Complete pre wired monolithic tower light, Harmony XVC, red orange, 40 mm, base mounting, steady, without buzzer, IP54, 24 V AC DC
May 24, 2021
More results

Similar Description - XVC4B2

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
XVC4M4 SCHNEIDER-XVC4M4 Datasheet
84Kb / 4P
Complete pre wired monolithic tower light, Harmony XVC, red orange green blue, 40 mm, tube mounting, steady, without buzzer, IP23, 100...240 V AC
May 24, 2021
XVC4M3 SCHNEIDER-XVC4M3 Datasheet
85Kb / 4P
Complete pre wired monolithic tower light, Harmony XVC, red orange green, 40 mm, tube mounting, steady, without buzzer, IP23, 100...240 V AC
May 24, 2021
XVC4M2 SCHNEIDER-XVC4M2 Datasheet
85Kb / 4P
Complete pre wired monolithic tower light, Harmony XVC, red orange, 40 mm, tube mounting, steady, without buzzer, IP23, 100...240 V AC
May 24, 2021
XVC4M1 SCHNEIDER-XVC4M1 Datasheet
84Kb / 4P
Complete pre wired monolithic tower light, Harmony XVC, red, 40 mm, tube mounting, steady, without buzzer, IP23, 100...240 V AC
May 24, 2021
XVC4B5 SCHNEIDER-XVC4B5 Datasheet
83Kb / 4P
Complete pre wired monolithic tower light, Harmony XVC, red orange green blue clear, 40 mm, tube mounting, steady, without buzzer, IP23, 24 V AC DC
May 24, 2021
XVC4B4K SCHNEIDER-XVC4B4K Datasheet
99Kb / 4P
Complete pre wired monolithic tower light, Harmony XVC, red orange green blue, 40 mm, base mounting, steady, without buzzer, IP54, 24 V AC DC
May 24, 2021
XVC4B4 SCHNEIDER-XVC4B4 Datasheet
84Kb / 4P
Complete pre wired monolithic tower light, Harmony XVC, red orange green blue, 40 mm, tube mounting, steady, without buzzer, IP23, 24 V AC DC
May 24, 2021
XVC4B2K SCHNEIDER-XVC4B2K Datasheet
104Kb / 4P
Complete pre wired monolithic tower light, Harmony XVC, red orange, 40 mm, base mounting, steady, without buzzer, IP54, 24 V AC DC
May 24, 2021
XVC4B1K SCHNEIDER-XVC4B1K Datasheet
112Kb / 4P
Complete pre wired monolithic tower light, Harmony XVC, red, 40 mm
XVC4B1 SCHNEIDER-XVC4B1 Datasheet
83Kb / 4P
Complete pre wired monolithic tower light, Harmony XVC, red, 40 mm, tube mounting, steady, without buzzer, IP23, 24 V AC DC
May 24, 2021
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com