Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

51U-1B2-R1 Datasheet(PDF) 5 Page - M-System Co.,Ltd.

Part # 51U-1B2-R1
Description  Panel Mounted Multi Power Meter 51-UNIT
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

51U-1B2-R1 Datasheet(HTML) 5 Page - M-System Co.,Ltd.

  51U-1B2-R1 Datasheet HTML 1Page - M-System Co.,Ltd. 51U-1B2-R1 Datasheet HTML 2Page - M-System Co.,Ltd. 51U-1B2-R1 Datasheet HTML 3Page - M-System Co.,Ltd. 51U-1B2-R1 Datasheet HTML 4Page - M-System Co.,Ltd. 51U-1B2-R1 Datasheet HTML 5Page - M-System Co.,Ltd. 51U-1B2-R1 Datasheet HTML 6Page - M-System Co.,Ltd. 51U-1B2-R1 Datasheet HTML 7Page - M-System Co.,Ltd. 51U-1B2-R1 Datasheet HTML 8Page - M-System Co.,Ltd. 51U-1B2-R1 Datasheet HTML 9Page - M-System Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
MODEL
51U-0
MODEL & SUFFIX CODE SELECTION
SINGLE-PHASE / 2-WIRE CONNECTION
51U–0❑❑–❑❑
MODEL
INPUT (balanced)
0 : Single-phase / 2-wire, 105V / 5A AC
DISPLAY ITEMS
C : A, V
D : A, V, kW
E : A, V, kWh
F : A, kW, kWh
J : A, DA, MDA
K :A or DA, MDA, alarm setpoint
N :V, kW, kWh
P :A or DA or MDA, V, kWh
U :V, Hz
W :A or DA or MDA, V, alarm setpoint
V = Line voltage
A = Line current
kW = Kilowatt
kWh = Kilowatthours
Hz = Frequency
DA = Demand (current)
MDA = Maximum demand (current)
OUTPUT (selectable display items codes)
0 : None (J K W with reset input)
1 :4 – 20mA DC, 3 points (C D U)
2 :4 – 20mA DC, 2 points + pulse (E F N P)
3 :4 – 20mA DC, 2 points + reset input (J)
4 : RS-485 (all codes selectable except K W)
AUXILIARY POWER SUPPLY
M : 85 – 264V AC
R : 24V DC
P :110V DC
REMOTE CONTROL
1 : 85 – 132V AC or 85 – 143V DC
2 : 20 – 30V DC
3 : 170 – 264V AC
ORDERING INFORMATION
Specify code number. (e.g. 51U-0D4-M1)
CONNECTION DIAGRAM
1S
V2
V1
C, D, E, F, N, P, W
Suffix Codes
1L
1S
J, K (measuring current only)
1L
V2
V1
U (measuring voltage only)
■ INPUT
V2
V1
CT
2
1
kl
KL
1S
1L
1S
V3
V2
V1
1L 3S
CH1
CH2
CH3
Dis
PN
E
3L
Output
Input
Power
■ POWER
N
PE
DC or AC
POWER
TERMINATOR
RS-485
DISPLAY
SWITCHING
POWER
Dis.
–
+
SL
•RS-485
Close across the terminator
when the unit is located at
the end of transmission line.
DISPLAY
SIWTCHING
POWER
Dis.
Ter
•Without Outputs
■ OUTPUT
•4 – 20mA DC, 3 points
(See the following pages.)
•4 – 20mA DC, 2 points
+ pulse 1 point
(See the following pages.)
•4 – 20mA DC, 2 points
+ reset input
(See the following pages.)
P. 5 / 16
ES-6481 Rev.9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com