Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

51U-1B2-R1 Datasheet(PDF) 10 Page - M-System Co.,Ltd.

Part # 51U-1B2-R1
Description  Panel Mounted Multi Power Meter 51-UNIT
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

51U-1B2-R1 Datasheet(HTML) 10 Page - M-System Co.,Ltd.

Back Button 51U-1B2-R1 Datasheet HTML 6Page - M-System Co.,Ltd. 51U-1B2-R1 Datasheet HTML 7Page - M-System Co.,Ltd. 51U-1B2-R1 Datasheet HTML 8Page - M-System Co.,Ltd. 51U-1B2-R1 Datasheet HTML 9Page - M-System Co.,Ltd. 51U-1B2-R1 Datasheet HTML 10Page - M-System Co.,Ltd. 51U-1B2-R1 Datasheet HTML 11Page - M-System Co.,Ltd. 51U-1B2-R1 Datasheet HTML 12Page - M-System Co.,Ltd. 51U-1B2-R1 Datasheet HTML 13Page - M-System Co.,Ltd. 51U-1B2-R1 Datasheet HTML 14Page - M-System Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
51U
Specifications subject to change without notice.
MODEL
51U-2 / 51U-3
MODEL & SUFFIX CODE SELECTION
THREE-PHASE / 3-WIRE CONNECTION
ORDERING INFORMATION
Specify code number. (e.g. 51U-2D4-M1)
CONNECTION DIAGRAM
1S
V3
V2
V1
1L 3S
CH1
CH2
CH3
Dis
PN
E
3L
Output
Input
Power
■ POWER
N
PE
DC or AC
POWER
TERMINATOR
RS-485
DISPLAY
SWITCHING
POWER
Dis.
–
+
SL
•RS-485
Close across the terminator
when the unit is located at
the end of transmission line.
DISPLAY
SIWTCHING
POWER
Dis.
Ter
•Without Outputs
■ OUTPUT
•4 – 20mA DC, 3 points
(See the following pages.)
•4 – 20mA DC, 2 points
+ pulse 1 point
(See the following pages.)
•4 – 20mA DC, 2 points
+ reset input
(See the following pages.)
51U–❑❑❑–❑❑
MODEL
INPUT (balanced)
2 : Three-phase / 3-wire, 220V / 5A AC
3 : Three-phase / 3-wire, 110V / 5A AC
DISPLAY ITEMS
A :A × 3
B :V × 3
C :A × 3, V × 3
D :A × 3, V × 3, kW
E :A × 3, V × 3, kWh
F :A × 3, kW, kWh
G : Hz, PF, kvar
H :V × 3, MV0, V0
J :A × 3, DA, MDA
K :A × 3 or DA, MDA, alarm setpoint
L : Hz, PF, kW
M :PF, kW, kWh
N :V × 3, kW, kWh
P :A × 3 or DA or MDA, V × 3, kWh
Q :A × 3, PF, kW
R :A × 3, PF, kvar
S :A × 3 or PF, kW, kWh
T :A × 3, PF, kvarh
U :V × 3, Hz
W :A × 3 or DA or MDA, V × 3, alarm setpoint
X :A × 3, kvar, kvarh
Y : Hz, PF, kWh
V = Line voltage
A = Line current
kW = Kilowatt
kvar = Kilovar
PF = Power factor
Hz = Frequency
kWh = Kilowatthours kvarh = Kilovarhours
DA = Demand (current)
MDA = Maximum demand (current)
V0 = Zero-phase voltage
MV0 = Maximum zero-phase voltage
OUTPUT (selectable display items codes)
0 : None (H J K W with reset input)
1 :4 – 20mA DC, 3 points (A B C D G L Q R U)
2 :4 – 20mA DC, 2 points + pulse
(E F M N P S T X Y)
3 :4 – 20mA DC, 2 points + reset input (H J)
4 : RS-485 (all codes selectable except K W)
AUXILIARY POWER SUPPLY
M : 85 – 264V AC
R : 24V DC
P :110V DC
REMOTE CONTROL
1 : 85 – 132V AC or 85 – 143V DC
2 : 20 – 30V DC
3 : 170 – 264V AC
1S
V3
V2
V1
Suffix Codes
C, D, E, F, G, L, M, N, P, Q, R, S, T, W, X, Y
H (measuring max. zero-phase voltage)
1L
3S
3L
1S
A, J, K (measuring current only)
1L
3S
3L
V3
V2
V1
B, U (measuring voltage only)
■ INPUT
V2
V1
V3
U
VT
CT
T
S
R
VV
U
uv vu
kl
KL
3S
3L
kl
KL
1S
1L
G1
V3
V2
V1
G4
V2
V3
U
GVT
T
S
R
V
W
O
uv
w
O af
V1
220V AC can be directly connected
to V1, V2 and V3 terminals without
VT.
P. 10 / 16
ES-6481 Rev.9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com