Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

51U-3B2-R1 Datasheet(PDF) 2 Page - M-System Co.,Ltd.

Part # 51U-3B2-R1
Description  Panel Mounted Multi Power Meter 51-UNIT
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

51U-3B2-R1 Datasheet(HTML) 2 Page - M-System Co.,Ltd.

  51U-3B2-R1 Datasheet HTML 1Page - M-System Co.,Ltd. 51U-3B2-R1 Datasheet HTML 2Page - M-System Co.,Ltd. 51U-3B2-R1 Datasheet HTML 3Page - M-System Co.,Ltd. 51U-3B2-R1 Datasheet HTML 4Page - M-System Co.,Ltd. 51U-3B2-R1 Datasheet HTML 5Page - M-System Co.,Ltd. 51U-3B2-R1 Datasheet HTML 6Page - M-System Co.,Ltd. 51U-3B2-R1 Datasheet HTML 7Page - M-System Co.,Ltd. 51U-3B2-R1 Datasheet HTML 8Page - M-System Co.,Ltd. 51U-3B2-R1 Datasheet HTML 9Page - M-System Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
51U
Specifications subject to change without notice.
GENERAL SPECIFICATIONS
Construction: 110 mm-square (4 5/16 in.) panel
surface, cylindric body
Connection
Input & auxiliary power: M4 screw terminals
Output: M3 screw terminals
Housing material: plastic (black)
Isolation:
input to output to power; not isolated
between analog outputs
Scaling:
primary values for CT and VT; tertiary
value for GVT (Inform M-System CT and
VT ratios when ordering.)
CT:5 – 8000A (up to 15000A for Code K)
VT:110 – 77kV
GVT:
63.5 – 190.5V
Time lag for demand: 0 sec., 30 sec. or 1, 2, 3, 5, 7,
10, 15, 30 min. (default: 15 min.)
Sampling cycle: 400 µsec. (DO NOT connect a
device such like inverters.)
Measurable frequency ranges: 45 – 44 Hz, 55 – 65
Hz, 45 – 65 Hz
Low-end cutout: Display shows 0 for the input less
than the following: approx. 1% for current,
watt and var; approx. 3% for voltage.
INPUT
■VOLTAGE INPUT
(must be balanced with 3-phase connection)
Operational range
Voltage, watt, var, zero-phase voltage: 0 – 100% of rat-
ing
Power factor: ≥30V
Frequency: ≥30V
Overload capacity: 200% of rating for 60 sec.,
115% for 3 hours
Input burden: 0.3VA/phase
■CURRENT INPUT
(may be unbalanced with 3-phase connection)
Operational range
Current, watt, var, demand: 0 – 100% of rating
Power factor: ≥5% of rating
Overload capacity: 4000% of rating for 1 sec., 2000%
for 60 sec., 115% for 3 hours
Input burden: 0.1VA/phase
■REMOTE CONTROL
Display switching: same functions as the front
DISPLAY button does; input time ≥0.3
sec., input current 5mA
Reset input: max. zero-phase voltage and demand;
input time ≥0.3 sec., input current 5mA
OUTPUT
■CURRENT OUTPUT: 4 – 20mA DC
Load resistance: 500Ω maximum
DISPLAY ITEMS
RATING
INPUT RANGE
Current
5A
0 – 5A
Voltage
1ø / 2w 1 – 2
105V
0 – 150V
1ø / 3w 1 – N 105V
0 – 150V
2 – N 105V
0 – 150V
1 – 2
210V
0 – 300V
3ø / 3w line
110V
0 – 150V
220V
0 – 300V
3ø / 4w line
110V
0 – 150V
phase 110 / √ 3 V 0 – 150 / √ 3 V
Watt
110V / 5A 0 – 1 kW (0 – 5 kW)
110V / 5A -1 – +1 kW (-0.5 – +0.5 kW)
220V / 5A 0 – 2 kW
220V / 5A -2 – +2 kW
Var110V / 5A 0 – lag1 kvar
(0 – lag500 var)
110V / 5A lead1 – lag1 kvar
(lead500 – lag 500 var)
220V / 5A 0 – lag2 kvar
220V / 5A lead2 – lag2 kvar
Power factor
––
lead 50 – 100 – lag 50 %
Frequency
––
45.0 – 55.0 Hz
55.0 – 65.0 Hz
45.0 – 65.0 Hz
Max. zero-phase voltage 63.5V
0 – 86.6V
110.0V
0 – 150.0V
190.5V
0 – 259.8V
Demand
5A
0 – 5A, element S
Maximum demand
5A
0 – 5A, element S
Remarks:
1) Values for single-phase connection in brackets.
2) Displays are automatically scaled according to the scal-
ing factor settings for VT and CT.
3) Reverse or lead flow are displayed with the negative (–)
indicator.
■PULSE OUTPUT: totalizing watt in forward flow or
var in lag.
Scaling factor: 0.01, 0.1, 1, 10, 100 kWh/pulse
(default: 1)
Contact rating: 110V DC @0.1A (resistive load)
110V AC @0.1A (resistive load)
Pulse width time: 100 – 150 msec.
(pulse rate ≤12000 pulses/h)
■TRANSMISSION OUTPUT (Multi-Meter Protocol)
Transmission: conform to RS-485, EIA
Transmission distance: 1 kilometer max. (≤31 units)
Cable:
shielded twisted-pair cable (CPEV-S 0.9 dia.)
Terminator: incorporated
■DEMAND ALARM CONTACT OUTPUT
Alarm setpoint: 5 – 100%; adjustable in 0.5% incre-
ments
Contact rating: 110V DC @0.1A (resistive load)
ON resistance: ≤50Ω
I/O RANGES
Proportional to 4 – 20mA DC
P. 2 / 16
ES-6481 Rev.9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com