Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

51U-3B2-R1 Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # 51U-3B2-R1
Description  Panel Mounted Multi Power Meter 51-UNIT
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

51U-3B2-R1 Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  51U-3B2-R1 Datasheet HTML 1Page - M-System Co.,Ltd. 51U-3B2-R1 Datasheet HTML 2Page - M-System Co.,Ltd. 51U-3B2-R1 Datasheet HTML 3Page - M-System Co.,Ltd. 51U-3B2-R1 Datasheet HTML 4Page - M-System Co.,Ltd. 51U-3B2-R1 Datasheet HTML 5Page - M-System Co.,Ltd. 51U-3B2-R1 Datasheet HTML 6Page - M-System Co.,Ltd. 51U-3B2-R1 Datasheet HTML 7Page - M-System Co.,Ltd. 51U-3B2-R1 Datasheet HTML 8Page - M-System Co.,Ltd. 51U-3B2-R1 Datasheet HTML 9Page - M-System Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
MODEL
Panel Mounted Multi Power Meter 51-UNIT
51U
Functions & Features
• Measuring all major factors required for power &
energy management • Transducer combined with
3 displays in one enclosure • RS-485 or DC current
output • Totalized counter values stored in non-vola-
tile memory • Occupying less panel space, requir-
ing fewer connection• Easily replacing standard 110
mm (4 5/16 in.) square size, long scale meter • Pa-
rameters are field-selectable
Application Examples
• Updating conventional power meter to a remote
controlled power logger, only with additional trans-
mitter output wiring • Installed within an indus-
trial piece of electrical equipment
MODEL & SUFFIX CODE SELECTION
DEFAULT SETTING
MULTI POWER METER
DISPLAY
A
V
x1kW
x10kW
R
S
T
R-S
S-T
T-R
110 (4.33)
110
(4.33)
126
(4.96)
mm (inch)
*1 : Some display items or output types are not selectable
according to the input type. See the detailed selection
guide in the following pages.
*2 : Page No. of the detailed selection guide
*3 : V = Line voltage
A = Line current
kW = Kilowatt
kvar = Kilovar
PF = Power factor
Hz = Frequency
kWh = Kilowatthours
kvarh = Kilovarhours
DA = Demand (current)
MDA = Maximum demand (current)
V0 = Zero-phase voltage
MV0 = Maximum zero-phase voltage
ITEM
DEFAULT SETTING
CT primary rating
5.00A (element S for demand,
time lag 15 min.)
VT primay rating
110.0V or 220.0V, same as input rating
GVT tertiary rating
110.0V
Frequency range
45 – 65 Hz
Pulse out. scaling factor 1 kWh/pulse (kvarh/pulse)
Demand alarm setpoint
100%
RS-485
Address: 01
Transmission speed: 4800 bps
51U–❑❑❑–❑❑
MODEL
INPUT (balanced load) *1
0 : Single-phase / 2-wire, 105V / 5A AC (P. 5/16) *2
1 : Single-phase / 3-wire, 105V / 210V / 5A AC (P. 7/16)
2 : 3-phase / 3-wire, 220V / 5A AC (P. 10/16)
3 : 3-phase / 3-wire, 110V / 5A AC (P. 10/16)
4 : 3-phase / 4-wire, 110V / √ 3 V / 5A AC (P. 13/16)
DISPLAY ITEMS *3
A :A × 3
B :V × 3
C :A × 3, V × 3
D :A × 3, V × 3, kW
E :A × 3, V × 3, kWh
F :A × 3, kW, kWh
G : Hz, PF, kvar
H :V × 3, MV0, V0
J :A × 3, DA, MDA
K :A × 3 or DA, MDA, alarm setpoint
L : Hz, PF, kW
M :PF, kW, kWh
N :V × 3, kW, kWh
P :A × 3 or DA or MDA, V × 3, kWh
Q :A × 3, PF, kW
R :A × 3, PF, kvar
S :A × 3 or PF, kW, kWh
T :A × 3, PF, kvarh
U :V × 3, Hz
W :A × 3 or DA or MDA, V × 3, alarm setpoint
X :A × 3, kvar, kvarh
Y : Hz, PF, kWh
OUTPUT
0 :None
1 :4 – 20mA DC, 3 points
2 :4 – 20mA DC, 2 points + pulse
3 :4 – 20mA DC, 2 points + reset input
4 : RS-485 (MsysNet use only. Consult Factory.)
AUXILIARY POWER SUPPLY
M : 85 – 264V AC
R : 24V DC
P :110V DC
REMOTE CONTROL
1 : 85 – 132V AC or 85 – 143V DC
2 : 20 – 30V DC
3 : 170 – 264V AC
P. 1 / 16
ES-6481 Rev.9


Similar Part No. - 51U-3B2-R1

ManufacturerPart #DatasheetDescription
logo
Yuechung International ...
51U YIC-51U Datasheet
297Kb / 1P
UM Series: UM-1.UM-5.UM-1J.UM-5J Quartz Crystal
logo
Bourns Electronic Solut...
51UAA-B28-A15L BOURNS-51UAA-B28-A15L Datasheet
273Kb / 3P
51/53 - Sealed 1/2 ??(12.5 mm) Square Control
51UAD-B28-A15L BOURNS-51UAD-B28-A15L Datasheet
273Kb / 3P
51/53 - Sealed 1/2 ??(12.5 mm) Square Control
51UAL-B28-A15L BOURNS-51UAL-B28-A15L Datasheet
273Kb / 3P
51/53 - Sealed 1/2 ??(12.5 mm) Square Control
51UAM-B28-A15L BOURNS-51UAM-B28-A15L Datasheet
273Kb / 3P
51/53 - Sealed 1/2 ??(12.5 mm) Square Control
More results

Similar Description - 51U-3B2-R1

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ICM7249 INTERSIL-ICM7249 Datasheet
49Kb / 9P
51/2 Digit LCD, Micro-Power Event/Hour Meter
August 1997
logo
Murata Manufacturing Co...
DM-2000AB MURATA-DM-2000AB Datasheet
814Kb / 3P
Digital Panel Meter
logo
JFW Industries, Inc.
50PM-003 JFW-50PM-003 Datasheet
26Kb / 1P
PANEL MOUNTED ROTOR
50PM-009 JFW-50PM-009 Datasheet
26Kb / 1P
PANEL MOUNTED ROTOR
logo
Keysight Technologies
34411A KEYSIGHT-34411A Datasheet
160Kb / 6P
Agilent MULTI Meter
logo
JFW Industries, Inc.
50PM-119-XX JFW-50PM-119-XX Datasheet
31Kb / 2P
PANEL MOUNTED ROTOR
50PM-120-XX JFW-50PM-120-XX Datasheet
27Kb / 1P
PANEL MOUNTED ROTOR
50PM-122-XX JFW-50PM-122-XX Datasheet
27Kb / 1P
PANEL MOUNTED ROTOR
50PM-125-XX JFW-50PM-125-XX Datasheet
27Kb / 1P
PANEL MOUNTED ROTOR
logo
Advantech Co., Ltd.
WISE-M501 ADVANTECH-WISE-M501 Datasheet
302Kb / 1P
Multifunction Panel Mount Smart Power Meter
27-Jun-2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com