Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

898-3-R47KF Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 898-3-R47KF
Description  Dual-In-Line Thick Film Resistor Networks
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

898-3-R47KF Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  898-3-R47KF Datasheet HTML 1Page - List of Unclassifed Manufacturers 898-3-R47KF Datasheet HTML 2Page - List of Unclassifed Manufacturers 898-3-R47KF Datasheet HTML 3Page - List of Unclassifed Manufacturers 898-3-R47KF Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
4
4-161
Models 898, 899
ELECTRICAL
Standard Resistance Range, Ohms *
10 to 10Meg
Standard Resistance Tolerance, at 25°C
±2% (<33 Ohms = ±2 Ohms)
Optional: ±1% (F Tol.)
Operating Temperature Range
-55°C to +125°C
Temperature Coefficient of Resistance
±100ppm/°C (<100 Ohms = ±250ppm/°C)
Temperature Coefficient of Resistance Tracking
±50ppm/°C
Maximum Operating Voltage
100Vdc or
√PR
Insulation Resistance
≥10,000 Megohms
ENVIRONMENTAL (PER MIL-R-83401)
Thermal Shock plus Power Conditioning
∆R 0.70%
Short Time Overload
∆R 0.50%
Terminal Strength
∆R 0.25%
Moisture Resistance
∆R 0.50%
Mechanical Shock
∆R 0.25%
Vibration
∆R 0.25%
Low Temperature Storage
∆R 0.25%
High Temperature Exposure
∆R 0.50%
Load Life, 1,000 Hours
∆R 1.00%
Resistance to Solder Heat (Per MIL-STD-202, Method 210, Cond.B)
∆R 0.25%
Dielectric Withstanding Voltage
200V rms for 1 minute
Temperature Exposure, Maximum
215°C for 3 minutes
Marking Permanency
MIL-STD-202, Method 215
Lead Solderability
MIL-STD-202, Method 208
Flammability
UL-94V-O Rated
Storage Temperature Range
-55°C to +125°C
* Plus “0 Ohm” jumper
MODELS 898, 899
Dual-In-Line
Thick Film
Resistor Networks
Specifications subject to change without notice.


Similar Part No. - 898-3-R47KF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
898-3-R220F ETC1-898-3-R220F Datasheet
174Kb / 4P
DAUL-IN-LINE THICK FILM RESISTOR NETWORKS
898-3-R330F ETC1-898-3-R330F Datasheet
174Kb / 4P
DAUL-IN-LINE THICK FILM RESISTOR NETWORKS
More results

Similar Description - 898-3-R47KF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MDP1645 VISHAY-MDP1645 Datasheet
89Kb / 2P
Thick Film Resistor Networks, Dual-In-Line, Molded DIP
08-Sep-04
logo
List of Unclassifed Man...
898 ETC1-898 Datasheet
174Kb / 4P
DAUL-IN-LINE THICK FILM RESISTOR NETWORKS
898-81-R10K ETC1-898-81-R10K Datasheet
53Kb / 3P
R/2R Ladder Dual-In-Line Thick Film Resistor Networks
logo
Vishay Siliconix
SOMC VISHAY-SOMC Datasheet
120Kb / 3P
Thick Film, Dual-in-Line Resistor Networks
21-Aug-06
MDP45 VISHAY-MDP45 Datasheet
276Kb / 3P
Thick Film Resistor Networks, Dual-In-Line, Molded DIP
28-Jul-06
MSP06A011K00GEJ VISHAY-MSP06A011K00GEJ Datasheet
402Kb / 5P
Thick Film Resistor Networks, Single-In-Line, Molded SIP
10-Jun-10
MSP08C036K80GEJ VISHAY-MSP08C036K80GEJ Datasheet
402Kb / 5P
Thick Film Resistor Networks, Single-In-Line, Molded SIP
10-Jun-10
MDP01 VISHAY-MDP01_17 Datasheet
120Kb / 5P
Thick Film Resistor Networks, Dual-In-Line, Molded DIP
12-Sep-13
MDP45 VISHAY-MDP45_17 Datasheet
97Kb / 3P
Thick Film Resistor Networks, Dual-In-Line, Molded DIP
29-Nov-13
MSP VISHAY-MSP_17 Datasheet
101Kb / 5P
Thick Film Resistor Networks, Single-In-Line, Molded SIP
13-Feb-15
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com