Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VBUS05M2-HT1 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # VBUS05M2-HT1
Description  2-Line Low Capacitance, Bidirectional and Symmetrical (BiSy) ESD Protection Diode - Flow Through Design
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VBUS05M2-HT1 Datasheet(HTML) 1 Page - Vishay Siliconix

  VBUS05M2-HT1 Datasheet HTML 1Page - Vishay Siliconix VBUS05M2-HT1 Datasheet HTML 2Page - Vishay Siliconix VBUS05M2-HT1 Datasheet HTML 3Page - Vishay Siliconix VBUS05M2-HT1 Datasheet HTML 4Page - Vishay Siliconix VBUS05M2-HT1 Datasheet HTML 5Page - Vishay Siliconix VBUS05M2-HT1 Datasheet HTML 6Page - Vishay Siliconix VBUS05M2-HT1 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
VBUS05M2-HT1
www.vishay.com
Vishay Semiconductors
Rev. 1.4, 17-Sep-2019
1
Document Number: 85923
For technical questions, contact: ESDprotection@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
2-Line Low Capacitance, Bidirectional and Symmetrical (BiSy) ESD
Protection Diode - Flow Through Design
MARKING (example only)
Bar = cathode marking
X = date code
Y = type code (see table below)
ADDITIONAL RESOURCES
FEATURES
• Compact LLP1006-3L package
• Low package height < 0.4 mm
• 2-line ESD protection
• Low leakage current IR < 0.1 μA
• Low capacitance: CD < 0.4 pF
• Ideal for high speed data line like
- HDMI, DisplayPort, eSATA
- USB, 1394 / firewire
- Thunderbolt
• ESD immunity acc. IEC 61000-4-2
± 20 kV contact discharge
± 20 kV air discharge
• Soldering can be checked by standard vision inspection,
no X-ray necessary
• Pin plating NiPdAu (e4) no whisker growth
• e4 - precious metal (e.g. Ag, Au, NiPd, NiPdAu) (no Sn)
• PATENT(S): www.vishay.com/patents
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
PATENT(S): www.vishay.com/patents
This Vishay product is protected by one or more United States and international patents.
22815
1
3
2
22814
21121
XY
333
DDD3 D
3D Models
ORDERING INFORMATION
DEVICE NAME
ORDERING CODE
TAPED UNITS PER REEL
(8 mm TAPE ON 7" REEL)
MINIMUM ORDER QUANTITY
VBUS05M2-HT1
VBUS05M2-HT1-G4-08
8000
8000
PACKAGE DATA
DEVICE NAME
PACKAGE
NAME
TYPE
CODE
WEIGHT
MOLDING COMPOUND
FLAMMABILITY RATING
MOISTURE
SENSITIVITY LEVEL
SOLDERING CONDITIONS
VBUS05M2-HT1
LLP1006-3L
5
0.72 mg
UL 94 V-0
MSL level 1
(according J-STD-020)
Peak temperature max. 260 °C
ABSOLUTE MAXIMUM RATINGS
PARAMETER
TEST CONDITIONS
SYMBOL
VALUE
UNIT
Peak pulse current
Acc. IEC 61000-4-5; tP = 8/20 μs; single shot
IPPM
3.6
A
Peak pulse power
Acc. IEC 61000-4-5; tP = 8/20 μs; single shot
PPP
65
W
ESD immunity
Contact discharge acc. IEC 61000-4-2; 10 pulses
VESD
± 20
kV
Air discharge acc. IEC 61000-4-2; 10 pulses
± 20
Operating temperature
Junction temperature
TJ
-55 to +125
°C
Storage temperature
TSTG
-55 to +150
°C


Similar Part No. - VBUS05M2-HT1

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VBUS05M2-HT1 VISHAY-VBUS05M2-HT1 Datasheet
114Kb / 7P
2-Line Low Capacitance, Bidirectional and Symmetrical (BiSy) ESD Protection Diode - Flow Through Design
17-Sep-2019
VBUS05M2-HT1 VISHAY-VBUS05M2-HT1_V01 Datasheet
114Kb / 7P
2-Line Low Capacitance, Bidirectional and Symmetrical (BiSy) ESD Protection Diode - Flow Through Design
17-Sep-2019
More results

Similar Description - VBUS05M2-HT1

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VCAN26A2-03G VISHAY-VCAN26A2-03G Datasheet
111Kb / 5P
Bidirectional Symmetrical (BiSy) Low Capacitance,Dual-Line ESD-Protection Diode in SOT-323
23-Feb-16
VCAN26A2-03S VISHAY-VCAN26A2-03S Datasheet
130Kb / 6P
Bidirectional Symmetrical (BiSy) Low Capacitance, Dual-Line ESD Protection Diode
18-Jul-2018
VCUT03F1-HD0 VISHAY-VCUT03F1-HD0 Datasheet
111Kb / 6P
Bidirectional Symmetrical (BiSy) Single Line ESD-Protection Diode
16-Feb-18
VCUT05F1-HD0 VISHAY-VCUT05F1-HD0 Datasheet
111Kb / 6P
Bidirectional Symmetrical (BiSy) Single Line ESD-Protection Diode
16-Feb-18
VBUS05M2-HT5 VISHAY-VBUS05M2-HT5 Datasheet
109Kb / 5P
2-Line Low Capacitance, Bidirectional and Symmetrical (BiSy) ESD Protection Diode
16-Mar-2021
VCAN33C2-03G VISHAY-VCAN33C2-03G_V01 Datasheet
112Kb / 6P
Bidirectional Symmetrical (BiSy) Low Capacitance, Dual-Line ESD Protection Diode in SOT-323
27-Oct-2021
VCAN36A2-03G VISHAY-VCAN36A2-03G_V01 Datasheet
114Kb / 6P
Bidirectional Symmetrical (BiSy) Low Capacitance, Dual-Line ESD Protection Diode in SOT-323
08-Mar-2021
VBUS05M2-HT1 VISHAY-VBUS05M2-HT1_V01 Datasheet
114Kb / 7P
2-Line Low Capacitance, Bidirectional and Symmetrical (BiSy) ESD Protection Diode - Flow Through Design
17-Sep-2019
VBUS05M2-HT5 VISHAY-VBUS05M2-HT5_V01 Datasheet
109Kb / 5P
2-Line Low Capacitance, Bidirectional and Symmetrical (BiSy) ESD Protection Diode
19-Nov-2021
VCAN36A2-03S VISHAY-VCAN36A2-03S_V01 Datasheet
110Kb / 6P
Bidirectional Symmetrical (BiSy) Low Capacitance, Dual-Line ESD Protection Diode in SOT-23
12-Nov-2019
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com