Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT7530 Datasheet(PDF) 3 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

Part # HT7530
Description  Low Dropout Regulators
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YFWDIODE [DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD]
Direct Link  http://www.yfwdiode.com/
Logo YFWDIODE - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

HT7530 Datasheet(HTML) 3 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

  HT7530 Datasheet HTML 1Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD HT7530 Datasheet HTML 2Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD HT7530 Datasheet HTML 3Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD HT7530 Datasheet HTML 4Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD HT7530 Datasheet HTML 5Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD HT7530 Datasheet HTML 6Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD HT7530 Datasheet HTML 7Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD HT7530 Datasheet HTML 8Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
HT75XX SOT-23 SOT23-3L SOT-89
3 / 8
www.yfwdiode.com
Dongguan YFW Electronics Co, Ltd.
HT7530
HT7533
HT7536
Parameter
Symbol
Test conditions
Min.
Typ.
Max
Unit
Output voltage
VOUT
VIN=VOUT+2.0V, IOUT=10mA
2.940
3.00
3.060
V
Output current
IOUT
VIN=VOUT+2.0V
70
100
—
mA
Load regulation
ΔVOUT
VIN=VOUT+2.0V
1mA≤IOUT≤50mA
—
25
60
mV
Voltage drop Note1
VDIF
IOUT=1mA,ΔVOUT=2%
—
30
100
mV
Quiescent Current
IQ
No Load
—
2.5
3.0
μA
Line regulation
ΔVOUT / VOUT
×
ΔVIN
VOUT+1.0V≤VIN≤30V,IOUT=1mA
—
—
0.2
%/V
Input voltage
VIN
—
—
—
36
V
Temperature
coefficient
ΔVOUT /VOUT
×
ΔTA
VIN=VOUT+2.0V, IOUT=10mA,
-40℃≤TA≤85℃
—
100
—
ppm/℃
Parameter
Symbol
Test conditions
Min.
Typ.
Max
Unit
Output voltage
VOUT
VIN=VOUT+2.0V, IOUT=10mA
3.234
3.30
3.366
V
Output current
IOUT
VIN=VOUT+2.0V
70
100
—
mA
Load regulation
ΔVOUT
VIN=VOUT+2.0V
1mA≤IOUT≤50mA
—
25
60
mV
VDIF
IOUT=1mA,ΔVOUT=2%
—
25
55
mV
Quiescent Current
IQ
No Load
—
2.5
3.0
μA
Line regulation
ΔVOUT / VOUT
×
ΔVIN
VOUT+1.0V≤VIN≤30V,
IOUT=1mA
—
—
0.2
%/V
Input voltage
VIN
—
—
—
36
V
Temperature
coefficient
ΔVOUT /VOUT
×
ΔTA
VIN=VOUT+2.0V, IOUT=10mA,
-40℃≤TA≤85℃
—
100
—
ppm/℃
Parameter
Symbol
Test conditions
Min.
Typ.
Max
Unit
Output voltage
VOUT
VIN=VOUT+2.0V ,IOUT=10mA
3.528
3.60
3.672
V
Output current
IOUT
VIN=VOUT+2.0V
70
100
—
mA
Load regulation
ΔVOUT
VIN=VOUT+2.0V
1mA≤IOUT≤50mA
—
25
60
mV
Voltage drop Note1
VDIF
IOUT=1mA,ΔVOUT=2%
—
25
55
mV
Quiescent Current
IQ
No Load
—
2.5
3.0
μA
Line regulation
ΔVOUT / VOUT
×
ΔVIN
VOUT+1.0V≤VIN≤30V,
IOUT=1mA
—
—
0.2
%/V
Input voltage
VIN
—
—
—
36
V
Temperature
coefficient
ΔVOUT /VOUT
×
ΔTA
VIN= VOUT+2.0V, IOUT=10mA,
-40℃≤TA≤85℃
—
100
—
ppm/℃
Voltage drop



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com