Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT7530 Datasheet(PDF) 1 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

Part # HT7530
Description  Low Dropout Regulators
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YFWDIODE [DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD]
Direct Link  http://www.yfwdiode.com/
Logo YFWDIODE - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

HT7530 Datasheet(HTML) 1 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

  HT7530 Datasheet HTML 1Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD HT7530 Datasheet HTML 2Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD HT7530 Datasheet HTML 3Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD HT7530 Datasheet HTML 4Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD HT7530 Datasheet HTML 5Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD HT7530 Datasheet HTML 6Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD HT7530 Datasheet HTML 7Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD HT7530 Datasheet HTML 8Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
HT75XX SOT-23 SOT23-3L SOT-89
1 / 8
www.yfwdiode.com
Dongguan YFW Electronics Co, Ltd.
1
2
3
■ Simplified outline(SOT-89)
1.GND
2.VIN
3.VOUT
Low Dropout Regulators
36V
2.8V 5.0V
36
Designator
Symbol
Description
28
2.8V(output)
30
3.0V
33
3.3V
36
3.6V
40
4.0V
44
4.4V
50
5.0V
Description
The HT75xx series is a set of three-terminal
low power high voltage regulators implemented in
CMOS technology. They allow input voltages as
high as
. They are available with several fixed
output voltages ranging from
to
. Because
of the low power dissipation, HT75xx are widely
used in a variety of equipment such as audio
device, video device, communication device and so on.
■
are
Features
Low power consumption
Low voltage drop
Low temperature coefficient
High input voltage (up to V)
Quiescent current : 2.5μA
Output voltage tolerance: ±2%
HAF(halogen and antimony free) is acquired
■
●
●
●
●
●
●
●
■
Selection Tablet
HT75xx
1
2
3
■
Simplified outline(SOT-23)
1.Gnd
2.Vout
3.Vin
1
2
3
■
Simplified outline(SOT23-3L)
1.Gnd
2.Vout
3.Vin
■


Similar Part No. - HT7530

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT7530 HOLTEK-HT7530 Datasheet
100Kb / 10P
High Driver Regulator
May 2, 2000
HT7530 HOLTEK-HT7530 Datasheet
85Kb / 4P
100mA Voltage Regulator
November 29, 2002
logo
ARTSCHIP ELECTRONICS CO...
HT7530 ARTSCHIP-HT7530 Datasheet
201Kb / 7P
High Driver Regulator
logo
Multicomp Pro
HT7530 MULTICOMP-HT7530 Datasheet
245Kb / 3P
High Driver LDO Regulator
29/07/24 V1.0
logo
Holtek Semiconductor In...
HT7530-1 HOLTEK-HT7530-1 Datasheet
129Kb / 14P
100mA Low Power LDO
April 30, 2013
More results

Similar Description - HT7530

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL750L TI-TL750L Datasheet
124Kb / 18P
LOW-DROPOUT VOLTAGE REGULATORS
logo
Unisonic Technologies
L1119 UTC-L1119 Datasheet
165Kb / 7P
1.5A LOW DROPOUT REGULATORS
logo
FOSLINK SEMICONDUCTOR C...
FSP2114 FOSLINK-FSP2114 Datasheet
334Kb / 8P
CMOS LOW DROPOUT REGULATORS
logo
IK Semicon Co., Ltd
IL2931AZ-5 IKSEMICON-IL2931AZ-5 Datasheet
120Kb / 3P
LOW DROPOUT VOLTAGE REGULATORS
logo
Shenzhen Huazhimei Semi...
HM2915X HMSEMI-HM2915X Datasheet
954Kb / 6P
Low-Dropout Regulators
logo
Dongguan Pingjingsemi T...
PJ75AL28SA PJSEMI-PJ75AL28SA Datasheet
5Mb / 8P
Low Dropout Regulators
PJ75AL28SC PJSEMI-PJ75AL28SC Datasheet
7Mb / 8P
Low Dropout Regulators
PJ75AL28SQ PJSEMI-PJ75AL28SQ Datasheet
2Mb / 8P
Low Dropout Regulators
logo
DONGGUAN YOU FENG WEI E...
YFW7321 YFWDIODE-YFW7321 Datasheet
1Mb / 9P
Low Dropout Regulators
logo
Shenzhen Huazhimei Semi...
HM29150 HMSEMI-HM29150 Datasheet
954Kb / 6P
Low-Dropout Regulators
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com