Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM321 Datasheet(PDF) 1 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

Part # LM321
Description  Low Power Single Operational Amplifier
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YFWDIODE [DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD]
Direct Link  http://www.yfwdiode.com/
Logo YFWDIODE - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

LM321 Datasheet(HTML) 1 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

  LM321 Datasheet HTML 1Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD LM321 Datasheet HTML 2Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD LM321 Datasheet HTML 3Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD LM321 Datasheet HTML 4Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD LM321 Datasheet HTML 5Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD LM321 Datasheet HTML 6Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
2
3
LM321 SOT23-5
1 / 6
www.yfwdiode.com
Dongguan YFW Electronics Co, Ltd.
Rail to rail input and output, typical 0.8mv Vos
Gain bandwidth product 1MHz
Low input bias current: 10pA Level, <1nA
Low Power consumption
2.1v ~ 5.5v working voltage
Low operating current: 60uA
LM321 (single channel) is a rail-to-rail input, output voltage
feedback, low power consumption operational amplifier. It has
wide input common mode voltage and output swing. The
minimum working voltage can be up to 2.1V, and the maximum
working voltage is recommended to be 5.5V. Used as power
amplifier in all kinds of pocket or portable stereo radio recorders.
LM321 has the following characteristics:Can provide 1MHz gain
bandwidth product. It has an extremely low input bias current
(about 10pA level) and can be used for integration, photodiode
amplifiers and piezoelectric sensors. The Rail to Rail input and
output buffers are also used for specific IC designs in single
power systems. Applications of this series of amplifiers include
safety monitoring, portable devices, batteries and power
supplies, supply control, signal processing and interfaces in low
power sensor systems.
1.+IN
Pin arrangement diagram
2.-VS
3.-IN
4.OUT
5.+VS
ASIC input and output amplifier
Sensor interface
Piezoelectric sensing amplifier
Battery-powered equipment
The mobile communication
Audio output
Description
Features
Applications
Low Power Single Operational Amplifier
■ Simplified outline(SOT23-5)
■
Marking
Marking


Similar Part No. - LM321

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM321 NSC-LM321 Datasheet
237Kb / 9P
Low Power Single Op Amp
logo
Seoul Semiconductor
LM321 SEOUL-LM321 Datasheet
376Kb / 14P
INFRARED LAMP LED
LM321 SEOUL-LM321 Datasheet
360Kb / 13P
CYAN LAMP LED
LM321 SEOUL-LM321 Datasheet
392Kb / 14P
RED OVAL LAMP LED
LM321 SEOUL-LM321 Datasheet
392Kb / 14P
RED OVAL LAMP LED
More results

Similar Description - LM321

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2130 NJRC-NJM2130 Datasheet
143Kb / 3P
LOW POWER SINGLE OPERATIONAL AMPLIFIER
logo
Texas Instruments
TL343 TI-TL343 Datasheet
114Kb / 7P
SINGLE LOW-POWER OPERATIONAL AMPLIFIER
logo
STMicroelectronics
TS321 STMICROELECTRONICS-TS321_05 Datasheet
184Kb / 12P
Low Power Single Operational Amplifier
Dec-2005
logo
Texas Instruments
TS321 TI-TS321 Datasheet
259Kb / 8P
LOW-POWER SINGLE OPERATIONAL AMPLIFIER
logo
BCD Semiconductor Manuf...
AS321 BCDSEMI-AS321 Datasheet
218Kb / 11P
LOW POWER SINGLE OPERATIONAL AMPLIFIER
logo
Texas Instruments
TL343 TI-TL343_06 Datasheet
124Kb / 8P
SINGLE LOW-POWER OPERATIONAL AMPLIFIER
TS321 TI-TS321_10 Datasheet
368Kb / 11P
LOW-POWER SINGLE OPERATIONAL AMPLIFIER
TL343IDBVRG4 TI1-TL343IDBVRG4 Datasheet
663Kb / 11P
SINGLE LOW-POWER OPERATIONAL AMPLIFIER
TS321 TI1-TS321 Datasheet
1Mb / 21P
Low-Power Single Operational Amplifier
logo
TECH PUBLIC Electronics...
LM321SN3T1G TECHPUBLIC-LM321SN3T1G Datasheet
1Mb / 6P
LOW POWER SINGLE OPERATIONAL AMPLIFIER
2021.6.15
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com