Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM321 Datasheet(PDF) 2 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

Part # LM321
Description  Low Power Single Operational Amplifier
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YFWDIODE [DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD]
Direct Link  http://www.yfwdiode.com/
Logo YFWDIODE - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

LM321 Datasheet(HTML) 2 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

  LM321 Datasheet HTML 1Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD LM321 Datasheet HTML 2Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD LM321 Datasheet HTML 3Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD LM321 Datasheet HTML 4Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD LM321 Datasheet HTML 5Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD LM321 Datasheet HTML 6Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
LM321 SOT23-5
2 / 6
www.yfwdiode.com
Dongguan YFW Electronics Co, Ltd.
At RL = 100kΩ connected to Vs/2,and VOUT = Vs/2,Ta=25℃) , unless otherwise noted.
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Input Offset Voltage
VOS
--
±0.8
±5
mV
Input offset current
lOS
--
10
--
pA
Input bias current
lB
--
10
--
pA
Common-mode input voltage
range
VCM
VS=5.5V
--
-0.1~5.6
--
V
Open-loop Gain
AOL
Vo=0.1V to 4.9 V, RL =5 kΩ
70
80
--
dB
Common Mode Rejection
CMRR
VCM = -0.1V~4 V, VS=5.5V
62
70
--
dB
Power Supply Rejection
PSRR VCM = (-VS)+0.5 V, VS=2.5V~5.5V
60
80
--
dB
Input offset voltage drift
--
2.7
--
.μV/℃
Input voltage swing
VI
RL= 100 kΩ
0.008
--
V
RL=10 kΩ
0.08
--
V
Operating voltage range
VW
2.1
--
5.5
mV
Output Current
IO
20
23
--
mA
Quiescent Current
IQ
IOUT=0
--
60
80
μA
G = +1 , 2V Output Step
--
0.52
--
V/μs
Gain Bandwidth Product
GBP CL = 100pF
--
1
--
MHz
Equivalent Input Noise Voltage
eN
f=1KHz
--
27
--
f=10KHz
--
20
--
Parameter
Symbol
Value
Units
Supply Voltage
VCC
7.5
V
Common-mode Input Voltage
VICR
-0.5~0.5
V
Operating Temperature Range
TOPR
0 to 70
°C
Storage Temperature Range
TSTG
-50 to 150
°C
Junction Temperature
TJ
150
°C
Note1: Exceeding the above limits may damage to the chip. The reliability of the device will also be affected if the device
works under the limit conditions. Electrostatic discharge can also cause damage to chips, so it is suggested to take some
preventive measures for integrated circuits. Failure to follow proper handling and installation can also cause damage.
Precision LMV321 and other devices are more vulnerable to damage than ordinary devices in the case of tiny
electrostatic, and small parameter changes may make the whole circuit performance substandard.
Lead Temperature (Soldering, 10 sec)
TL
250
°C
Vo=0.035V to 4.96 V, RL =100 kΩ
80
84
--
VCM = -0.1V~5.6 V, VS=5.5V
56
68
--
∆VOS/∆T
--
--
Slew Rate
SR
nV/ Hz
ElectricalCharacteristics



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com