Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRAG2 Datasheet(PDF) 3 Page - STMicroelectronics

Part # XRAG2
Description  UHF, EPCglobal Class-1 Generation-2, Contactless Memory Chip 432 bit with Multi-session Protocol, Anti-collision and Kill functions
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

XRAG2 Datasheet(HTML) 3 Page - STMicroelectronics

  XRAG2 Datasheet HTML 1Page - STMicroelectronics XRAG2 Datasheet HTML 2Page - STMicroelectronics XRAG2 Datasheet HTML 3Page - STMicroelectronics XRAG2 Datasheet HTML 4Page - STMicroelectronics XRAG2 Datasheet HTML 5Page - STMicroelectronics XRAG2 Datasheet HTML 6Page - STMicroelectronics XRAG2 Datasheet HTML 7Page - STMicroelectronics XRAG2 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
XRAG2
2 XRAG2 memory mapping
3/8
2
XRAG2 memory mapping
The XRAG2 is a 432-bit memory divided into a 3-memory bank (without USER memory) or
4-memory bank (with USER memory) configuration. Each bank is organized into 16-bit Words.
The reader can read part or all of each memory bank in single or multiple groups of 16-bit
Words. Use the WRITE command to write to device memory using 16-bit Words. The
BLOCKWRITE command enables readers to write up to four 16-bit Words to device memory at
a single time. Erase multiple 16-bit Words (up to the complete memory bank) using the
BLOCKERASE command.
Note:
The 64-bit TID memory content is written by STMicroelectronics during the manufacturing
process in compliance with the ISO 15963 Technical Report in order to comply with ISO 18000
recommendations.
Figure 3 describes the three-memory bank configuration.
Table 2.
Memory bank description
Memory Bank
Description
USER
User-specific data
TID (Tag-identification Data)
Manufacturer and custom information
EPC (Electronic Product Code)
CRC-16, Protocol Control and item identification code (EPC)
RESERVED
Kill and access passwords
Figure 3.
Three-memory bank configuration
TID Bank
RESERVED Bank
EPC Bank
64-bit
304-bit
64-bit
TID
TID
TID
TID = E002h
30h
20h
10h
00h
3Fh
2Fh
1Fh
0Fh
Access Password
Access Password
Kill Password
Kill Password
30h
20h
10h
00h
3Fh
2Fh
1Fh
0Fh
RFU
EPC
...
up to 256 EPC bit
120h
110h
...
...
12Fh
11Fh
...
...
...
EPC
(PC+EPC) length
CRC16
...
20h
10h
00h
...
2Fh
1Fh
0Fh
AFI/NSI
Bank 10
Bank 01
Bank 00



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com