Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRAG2 Datasheet(PDF) 4 Page - STMicroelectronics

Part # XRAG2
Description  UHF, EPCglobal Class-1 Generation-2, Contactless Memory Chip 432 bit with Multi-session Protocol, Anti-collision and Kill functions
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

XRAG2 Datasheet(HTML) 4 Page - STMicroelectronics

  XRAG2 Datasheet HTML 1Page - STMicroelectronics XRAG2 Datasheet HTML 2Page - STMicroelectronics XRAG2 Datasheet HTML 3Page - STMicroelectronics XRAG2 Datasheet HTML 4Page - STMicroelectronics XRAG2 Datasheet HTML 5Page - STMicroelectronics XRAG2 Datasheet HTML 6Page - STMicroelectronics XRAG2 Datasheet HTML 7Page - STMicroelectronics XRAG2 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
2 XRAG2 memory mapping
XRAG2
4/8
The four-memory bank configuration is shown in Figure 4.
Figure 4.
Four-memory bank configuration
TID Bank
USER Bank
RESERVED Bank
EPC Bank
128-bit
64-bit
176-bit
64-bit
TID
TID
TID
TID = E002h
30h
20h
10h
00h
3Fh
2Fh
1Fh
0Fh
Access Password
Access Password
Kill Password
Kill Password
30h
20h
10h
00h
3Fh
2Fh
1Fh
0Fh
DSFID
EPC
...
up to 128 EPC bit
A0h
90h
...
...
AFh
9Fh
...
...
...
EPC
(PC+EPC) length
CRC16
...
20h
10h
00h
...
2Fh
1Fh
0Fh
AFI/NSI
User
...
User
User
70h
...
10h
00h
7Fh
...
1Fh
0Fh
Bank 10
Bank 01
Bank 00
Bank 11



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com