Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CHCLA Datasheet(PDF) 3 Page - M-System Co.,Ltd.

Part # CHCLA
Description  CURRENT LOOP CHECKER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

CHCLA Datasheet(HTML) 3 Page - M-System Co.,Ltd.

  CHCLA Datasheet HTML 1Page - M-System Co.,Ltd. CHCLA Datasheet HTML 2Page - M-System Co.,Ltd. CHCLA Datasheet HTML 3Page - M-System Co.,Ltd. CHCLA Datasheet HTML 4Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
MODEL: C-HCL-A
C-HCL-A SPECIFICATIONS
ES-9250 Rev.4 Page 3/4
http://www.m-system.co.jp/
EXTERNAL DIMENSIONS unit: mm (inch)
60 (2.36)
23 (.91)
APPLICATION EXAMPLES
2-wire Transmitter
■ 2-WIRE SYSTEM
■ 4-WIRE SYSTEM
■ USING THE MONITORING FUNCTION
2-wire Transmitter
Tester
A
COM
4-wire Transmitter
4 – 20mA DC
Display
+
–
4 – 20mA DC
+
–
4 – 20mA DC
+
–
+
–
+
–
+
–
C-HCL-A
C-HCL-A
C-HCL-A
The source capability of the C-HCL-A
simulates constant current
signals to perform a loop test.
(Permissible load: 750Ω)
The sink capability of the C-HCL-A
controls output current from the
external loop power supply to perform
a loop test.
Signal Conditioner
Current Loop
Supply
Signal Conditioner
24V DC
(Current Loop Supply)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com