Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CHCLA Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # CHCLA
Description  CURRENT LOOP CHECKER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

CHCLA Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  CHCLA Datasheet HTML 1Page - M-System Co.,Ltd. CHCLA Datasheet HTML 2Page - M-System Co.,Ltd. CHCLA Datasheet HTML 3Page - M-System Co.,Ltd. CHCLA Datasheet HTML 4Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
MODEL: C-HCL-A
C-HCL-A SPECIFICATIONS
ES-9250 Rev.4 Page 1/4
http://www.m-system.co.jp/
CURRENT LOOP CHECKER
Functions & Features
• Used to perform a loop test during a maintenance,
inspection or testing of an instrumentation system or plant
• Generates simulated signals at the receiver side in place
of an on-site transmittter
• Compact and light weight to fit into a pocket
• Provides 4, 12, and 20 mA switchable as required
• Selectable between 2-wire and 4-wire systems
60
(2.36)
100
(3.94)
23
(.91)
mm (inch)
MODEL: C-HCL-A
ORDERING INFORMATION
• Code number: C-HCL-A
NOTICE
The C-HCL-A realizes stable constant current outputs;
however, it is not suitable for adjustment and calibration of
measuring instruments or precision instruments. Select
appropriate instruments for adjustment and calibration
according to rquirements.
RELATED PRODUCTS
• Test leads (Model: HCL-LEAD)
PACKAGE INCLUDES...
• Test leads (1.2 meters, red and black each one)
• AA cells (2 pieces)
GENERAL SPECIFICATIONS
Connection: 2 mm (0.08") diameter test plugs
Housing material: ABS resin
Mode switch: Switchable between 2-wire loop mode and 4-
wire mode
The 2-wire loop mode controls current signals supplied from
the power source such as a current loop supply, to perform
a loop test (sink capability), whereas in the 4-wire mode,
constant current is supplied to the transmitter
(source capability).
Output range: 0 – 24 mA DC
Output monitoring: Directly measure output current
Monitor jack: 2 mm (0.08") diameter
Power LED: Red LED turns on when the power is supplied.
Continuous operating hours: Approx. seven hours with load
resistance 750 Ω, output 12 mA, and when three new
alkaline AA cells are used.
Usage: Stand ot strap holder
OUTPUT SPECIFICATIONS
■ 2-WIRE LOOP MODE
Maximum input voltage: 24 V DC nominal
(28V DC max)
■ 4-WIRE MODE
Load resistance: 750 Ω
Maximum voltage across output terminals: 24 V DC ±0.5 V
■ COMMON SPECS
VR output range: Adjustable with the Current Adjuster in the
range of 0 to 24 mA DC
Fixed output: Selectable with the Current Switch from 4, 12,
and 20 mA
Monitor output: Available when the Monitor Switch is held at
the M side.
INSTALLATION
Power supply: Two AA cells
Operating temperature: -5 to +40°C (23 to 104°F)
Operating humidity: 30 to 80 % RH (non-condensing)
Weight: Approx. 70 g (2.47 oz) excluding batteries
PERFORMANCE (% of setting value)
Accuracy: ±2.5 %
(% of the fixed settings at 4, 12, or 20 mA)


Similar Part No. - CHCLA

ManufacturerPart #DatasheetDescription
logo
IRC - a TT electronics ...
CHC IRCTT-CHC Datasheet
1Mb / 4P
Ceramic Ball Grid Termination Arrays
logo
TT Electronics.
CHC TTELEC-CHC Datasheet
1Mb / 4P
Excellent high frequency performance
logo
IRC - a TT electronics ...
CHC-CB0565A-01-10R0F IRCTT-CHC-CB0565A-01-10R0F Datasheet
1Mb / 4P
Ceramic Ball Grid Termination Arrays
CHC-CB0565A-01-10R0G IRCTT-CHC-CB0565A-01-10R0G Datasheet
1Mb / 4P
Ceramic Ball Grid Termination Arrays
CHC-CB0565A-01-10R0J IRCTT-CHC-CB0565A-01-10R0J Datasheet
1Mb / 4P
Ceramic Ball Grid Termination Arrays
More results

Similar Description - CHCLA

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
232PCLIN ETC1-232PCLIN Datasheet
113Kb / 1P
Industrial Current Loop Converter
232PCLR ETC1-232PCLR Datasheet
77Kb / 1P
Current Loop Converter
MIC-24CL ETC2-MIC-24CL Datasheet
442Kb / 4P
Current Loop Interface Converter
ISO4-20MA ETC2-ISO4-20MA Datasheet
481Kb / 3P
4-20mA Current Loop Isolator
logo
Extech Instruments Corp...
412440-S EXTECH-412440-S Datasheet
118Kb / 1P
Current Loop Checker
logo
Beijing Yaohuadechang E...
3HK8350-D100D12D4 YHDC-3HK8350-D100D12D4 Datasheet
1Mb / 3P
Hall open loop current sensor
3HK8350-D400D12D4 YHDC-3HK8350-D400D12D4 Datasheet
1Mb / 3P
Hall open loop current sensor
HA2020 YHDC-HA2020 Datasheet
8Mb / 1P
Hall closed loop current sensor
HAS2009 YHDC-HAS2009 Datasheet
3Mb / 1P
Hall closed loop current sensor
logo
Honeywell Solid State E...
005999 HONEYWELL-005999 Datasheet
639Kb / 5P
Open Loop Current Sensors
10/22
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com