Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLSP Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # CLSP
Description  CLAMP-ON PULSE SENSOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

CLSP Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  CLSP Datasheet HTML 1Page - M-System Co.,Ltd. CLSP Datasheet HTML 2Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MODEL: CLSP
CLSP SPECIFICATIONS
ES-9237 Rev.8 Page 1/2
http://www.m-system.co.jp/
CLAMP-ON PULSE SENSOR
Functions & Features
•Indirectly detects pulse signals counted at a watt-hour
meter
•Provides the watt-hour meter pulse signals to a PLC or a
demand monitor equipment
•No polarity input
•Open collector output
MODEL: CLSP–5
ORDERING INFORMATION
• Code number: CLSP-5
INPUT
5: Max. 50 000 pulses/hour
CAUTION
Before you remove the module or mount it, turn off the
power supply and input signal for safety.
RELATED PRODUCTS
• Pulse isolator (model: YPD, WYPD, KYPD, KWYPD, M2PP,
W2PP)
• Low speed totalized pulse input module
(model: R3-PA4B)
GENERAL SPECIFICATIONS
Construction: Clamp
Connection: M3 screw terminals (torque 0.5 N·m)
Recommended solderless terminal:
- Solderless terminals with insulation sleeve is not available.
- Refer to the drawing on the end of this section.
Applicable wire size: 0.3 to 0.75 mm2
Housing material: Flame-resistant resin (black)
Detachable number of times: Approx. 100 times
■Recommended solderless terminal size - M3 (unit: mm)
12max
3max
4min
3.2 dia.
(mm)
INPUT SPECIFICATIONS
Input: Max. 50 000 pulses/hour
Pulse current: ≥ ±6 mA, ≤ ±40 mA (DC)
Pulse width: ≥ 10 msec.
Pulse cycle: ≥ 20 msec.
Rise/sink time: ≤ 2 msec.
OUTPUT SPECIFICATIONS
■ Open collector
Output rating: ≤ 35 V DC, ≤ 20 mA
Saturation voltage: ≤ 1.3 V DC @ 2 mA
Output pulse: Max. 50 000 pulses/hour
INSTALLATION
Power input
•DC: Operational voltage range 12 V DC ±10 %; ripple 10
%p-p max., 5 mA max.
Operating temperature: 0 to 55°C (32 to 131°F)
Operating humidity: 80 % RH max. (non-condensing)
Mounting: Surface
Weight: 55 g (1.9 oz)


Similar Part No. - CLSP

ManufacturerPart #DatasheetDescription
logo
Carlo Gavazzi Holding A...
CLS CARLOGAVAZZI-CLS Datasheet
76Kb / 1P
Safety magnetic sensors Magnetic units
01.02.2008
logo
Sumida Corporation
CLS-10 SUMIDA-CLS-10 Datasheet
36Kb / 1P
General Power Transformer
logo
GREEGOO Electric Co.,Lt...
CLS-101 GREEGOO-CLS-101 Datasheet
1Mb / 3P
CLS Limit switch
CLS-103 GREEGOO-CLS-103 Datasheet
1Mb / 3P
CLS Limit switch
CLS-111 GREEGOO-CLS-111 Datasheet
1Mb / 3P
CLS Limit switch
More results

Similar Description - CLSP

ManufacturerPart #DatasheetDescription
logo
ASM GmbH
3280-10 ASM-SENSOR-3280-10 Datasheet
1Mb / 2P
CLAMP ON HiTESTER
3291 ASM-SENSOR-3291 Datasheet
1Mb / 4P
CLAMP ON HiTESTER
logo
M-System Co.,Ltd.
CLSE MSYSTEM-CLSE Datasheet
116Kb / 2P
CLAMP-ON CURRENT SENSOR
CLSB MSYSTEM-CLSB Datasheet
100Kb / 3P
CLAMP-ON CURRENT SENSOR
ESCLSE MSYSTEM-ESCLSE Datasheet
116Kb / 2P
CLAMP-ON CURRENT SENSOR
ESCLSB MSYSTEM-ESCLSB Datasheet
100Kb / 3P
CLAMP-ON CURRENT SENSOR
CLSA MSYSTEM-CLSA Datasheet
84Kb / 2P
CLAMP-ON CURRENT SENSOR
CLSC MSYSTEM-CLSC Datasheet
83Kb / 2P
CLAMP-ON CURRENT SENSOR
CLSD MSYSTEM-CLSD Datasheet
118Kb / 3P
CLAMP-ON CURRENT SENSOR
logo
Pepperl+Fuchs Inc.
FB9286 PF-FB9286 Datasheet
276Kb / 1P
Clamp-on tag
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com