Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLSP Datasheet(PDF) 2 Page - M-System Co.,Ltd.

Part # CLSP
Description  CLAMP-ON PULSE SENSOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

CLSP Datasheet(HTML) 2 Page - M-System Co.,Ltd.

  CLSP Datasheet HTML 1Page - M-System Co.,Ltd. CLSP Datasheet HTML 2Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MODEL: CLSP
CLSP SPECIFICATIONS
ES-9237 Rev.8 Page 2/2
http://www.m-system.co.jp/
CONNECTION DIAGRAM
12V
R0
CLSP
PULSE INPUT
R1
+
+
–
POWER SUPPLY
PULSE OUTPUT
EXTERNAL DIMENSIONS mm (inch)
34 (1.34)
28 (1.10)
22 (.87)
2–3.5 dia. MTG HOLE
14
(.55)
79 (3.11)
5 (.20) dia.
3–M3 SCREW
TERMINAL COVER
R1
R0
12V
Specifications are subject to change without notice.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com