Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M3DY-5-R Datasheet(PDF) 2 Page - M-System Co.,Ltd.

Part # M3DY-5-R
Description  Low profile converter M3-UNIT series
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

M3DY-5-R Datasheet(HTML) 2 Page - M-System Co.,Ltd.

  M3DY-5-R Datasheet HTML 1Page - M-System Co.,Ltd. M3DY-5-R Datasheet HTML 2Page - M-System Co.,Ltd. M3DY-5-R Datasheet HTML 3Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
机型: M3DY
M3DY规格书
CS-2666 Rev.7 Page 2/3
https://www.m-system.co.jp/
响应时间: 100ms以下(0→90%)
电源电压变动的影响: ±0.1%/允许电压范围
绝缘电阻: 100MΩ以上/500V DC
隔离强度: 输入-输出-电源-地面间 2000V AC 1分钟
适用标准
EU指令:
电磁兼容指令(EMC指令)
 EMI EN 61000-6-4
 EMS EN 61000-6-2
低电压指令
 EN 61010-1
 安装类别Ⅱ、污染等级2
 输入・输出-电源间 强化绝缘(300V)
 输入-输出间 一般绝缘(300V)
RoHS指令
面板图
4
5
6
1
2
3
零点调整
量程调整
电源显示灯
10 11 12
7
8
9
外形尺寸图(单位 : mm)・端子编号图
10 11 12
7
8
9
4
5
6
1
2
3
18
110.5
(5)
・可进行高密度安装
DIN导轨
(宽35mm)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com