Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DCN2 Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # DCN2
Description  RS CABLE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

DCN2 Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  DCN2 Datasheet HTML 1Page - M-System Co.,Ltd. DCN2 Datasheet HTML 2Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MODEL: DCN2
DCN2 SPECIFICATIONS
ES-5910-2 Rev.1 Page 1/2
http://www.m-system.co.jp/
RS CABLE
(FCN flat type)
MODEL: DCN2–[1]
ORDERING INFORMATION
• Code number: DCN2-[1]
Specify a code from below for [1].
(e.g. DCN2-03)
[1] CABLE LENGTH
02: 20 cm (7.9 in.)
03: 30 cm (11.8 in.)
RELATED PRODUCTS
• Modem
Model: MOD, MOD1, MOD2, MOD3x, MOD4, MOD5, MOD6,
MOD7, MOD8
• NCU modem
Model: MOC2
• Modem interface
Model: SMDM, SMDT, SMM, DLS
GENERAL SPECIFICATIONS
Connector model: FCN-777P025-G/A
Cable: Flat cable with 25 core wires
Dielectric strength: 500 V AC @ 1 minute


Similar Part No. - DCN2

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
DCN2-1 OMRON-DCN2-1 Datasheet
3Mb / 24P
General-purpose Peripheral Devices
logo
FCI connector
DCN25P064HTXLF FCI-CONNECTOR-DCN25P064HTXLF Datasheet
115Kb / 1P
D-SUB SOLDER BUCKET CONNECTOR
More results

Similar Description - DCN2

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL31480E INTERSIL-ISL31480E_10 Datasheet
793Kb / 24P
Fault Protected, Extended CMR, RS-485/RS-422 Transceivers with Cable Invert
June 25, 2010
ISL31480E INTERSIL-ISL31480E_11 Datasheet
1Mb / 24P
Fault Protected, Extended CMR, RS-485/RS-422 Transceivers with Cable Invert
January 20, 2011
logo
List of Unclassifed Man...
9502 ETC2-9502 Datasheet
33Kb / 3P
Computer Cable for EIA RS-232 Applications
9501 ETC2-9501 Datasheet
32Kb / 3P
Computer Cable for EIA RS-232 Applications
9515 ETC1-9515 Datasheet
33Kb / 3P
Computer Cable for EIA RS-232 Applications
logo
Renesas Technology Corp
ISL31483E RENESAS-ISL31483E Datasheet
1Mb / 18P
Fault Protected, Extended CMR, RS-485/RS-422 Transceivers with Cable Invert
logo
M-System Co.,Ltd.
DCN8 MSYSTEM-DCN8 Datasheet
84Kb / 2P
RS CABLE
DCN7 MSYSTEM-DCN7 Datasheet
76Kb / 2P
RS CABLE
DCN6 MSYSTEM-DCN6 Datasheet
79Kb / 2P
RS CABLE
DCN5 MSYSTEM-DCN5 Datasheet
81Kb / 2P
RS CABLE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com