Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DCN2 Datasheet(PDF) 2 Page - M-System Co.,Ltd.

Part # DCN2
Description  RS CABLE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

DCN2 Datasheet(HTML) 2 Page - M-System Co.,Ltd.

  DCN2 Datasheet HTML 1Page - M-System Co.,Ltd. DCN2 Datasheet HTML 2Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MODEL: DCN2
DCN2 SPECIFICATIONS
ES-5910-2 Rev.1 Page 2/2
http://www.m-system.co.jp/
EXTERNAL DIMENSIONS & CONNECTOR PIN ASSIGNMENT unit: mm (inch)
25
14
13
1
1
25
1
25
WIRING DIAGRAM
CONNECTOR PIN ASSIGNMENT
25-pin
Straight
24 (.94)
L
13 (.51)
L
DCN2-02
200 (7.9)
DCN2-03
300 (11.8)
Specifications are subject to change without notice.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com