Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAL4-5-R Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # DAL4-5-R
Description  Multiplex Transmission System
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

DAL4-5-R Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  DAL4-5-R Datasheet HTML 1Page - M-System Co.,Ltd. DAL4-5-R Datasheet HTML 2Page - M-System Co.,Ltd. DAL4-5-R Datasheet HTML 3Page - M-System Co.,Ltd. DAL4-5-R Datasheet HTML 4Page - M-System Co.,Ltd. DAL4-5-R Datasheet HTML 5Page - M-System Co.,Ltd. DAL4-5-R Datasheet HTML 6Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
MODEL: DAL4
DAL4 SPECIFICATIONS
ES-6782 Rev.2 Page 1/6
http://www.m-system.co.jp/
Multiplex Transmission System
REPEATER
(SIN-NET, M-Bus use)
Functions & Features
• Extending No. of field devices and transmission distance
for DLA1, DLA2
• Branching
• Transmission media conversion (twisted-pair from/to fiber
optics)
• Repeater circuit incorporated in each port
Typical Applications
• Exceeding 1 kilometer (3280 ft) distance with DLA1 or
DLA2
• Using more than 16 DLA1 or DLA2 units
75
(2.95)
112
(4.41)
75
(2.95)
mm (inch)
MODEL: DAL4-[1]-[2]
ORDERING INFORMATION
• Code number: DAL4–[1]-[2]
Specify a code from below for each of [1] and [2].
(e.g. DAL4-1-M2)
[1] CABLE & PORT TYPE
1: Twisted-pair cable, 3 ports
2: Fiber optics (PCF), 2 ports + Twisted-pair cable, 1 port
5: Fiber optics (GI-850 nm), 1 port + Twisted-pair cable, 1 port
7: Fiber optics (GI-850 nm), 1 port + Twisted-pair cable, 1 port
[2] POWER INPUT
AC Power
M2: 100 – 240 V AC (Operational voltage range 85 – 264 V,
47 – 66 Hz)
DC Power
R: 24 V DC
(Operational voltage range 24 V ±10 %, ripple 10 %p-p max.)
RELATED PRODUCTS
• Standard multi-transmission unit (model: DLA1)
• Remote I/O unit (model: DLA2)
• Multi-transmission module (model: 22LA1)
• SIN-NET interface module (model: D3-NS1)
• Telemetering interface module (model: D3-NS2)
• Remote I/O interface module (model: D3-NS3)
• Lightning surge protector (model: MDP-DM3)
APPLICABLE NETWORK
SIN-NET, M-Bus
GENERAL SPECIFICATIONS
Construction: Stand-alone; terminal access at the front
Connection
Twisted-pair cable & power input: M3.5 screw terminals
(torque 0.8 N·m)
Optical fiber: Connector
Screw terminal: Nickel-plated steel
Housing material: Flame-resistant resin (black)
Isolation: PORT-A to PORT-B to PORT-C to power to FG
COMMUNICATION
■ TWISTED-PAIR CABLE
Cable: CPEV-0.9 dia.
Transmission Distance: 1 kilometer max. with 16 field units;
2 kilometers max. between two DAL4
■ FIBER OPTICS CABLE
• PCF
Transmission distance: 1 kilometer max.
Link: JIS F07 connector
Applicable fiber HC-20/07 (SUMITOMO):
Core/clad dia. 200/230 µm
Max. loss 11 dB*1
• GI-850 nm (DAL4-5)
Transmission distance: 2.5 kilometers max.
Connector: JIS F01 connector
Applicable fiber:
Core/clad dia. 50/125 µm
Max. loss 7 dB*1
• GI-850 nm (DAL4-7)
Transmission distance: 4 kilometers max.
Connector: JIS F01 connector
Applicable fiber:
Core/clad dia. 50/125 µm
Max. loss 12 dB*1
*1. Total of connection and transmission loss.


Similar Part No. - DAL4-5-R

ManufacturerPart #DatasheetDescription
logo
LinkCom Manufacturing C...
DAL000N802AON0-00G LINKCOM-DAL000N802AON0-00G Datasheet
193Kb / 2P
DALI 0-10V Relay Driver
DAL000N802AON1-00G LINKCOM-DAL000N802AON1-00G Datasheet
193Kb / 2P
ALI 1-10V Relay Driver
DAL000N802PON0-00G LINKCOM-DAL000N802PON0-00G Datasheet
193Kb / 2P
DALI PWM Relay Driver
DAL003N000NNN0-00G LINKCOM-DAL003N000NNN0-00G Datasheet
189Kb / 3P
Digital scene switch Powered by DALI BUS
DAL003N000NNN1-00G LINKCOM-DAL003N000NNN1-00G Datasheet
189Kb / 3P
Digital scene switch Powered by DALI BUS
More results

Similar Description - DAL4-5-R

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM6636B OKI-MSM6636B Datasheet
102Kb / 13P
SAE-J1850 Multiplex Communication Protocol Conformity Transmission Controller for Automotive LAN
logo
Toshiba Semiconductor
TLP113 TOSHIBA-TLP113 Datasheet
218Kb / 8P
Isolated Line Receiver Simplex / Multiplex Data Transmission Computer.Peripheral Interface Microprocessor System Interface Digital Isolation For A / D
logo
List of Unclassifed Man...
AN5825 ETC1-AN5825 Datasheet
282Kb / 4P
TV MULTIPLEX SOUND SYSTEM DEMODULATOR
logo
Toshiba Semiconductor
TLP2601 TOSHIBA-TLP2601_07 Datasheet
229Kb / 9P
Simplex / Multiplex Data Transmission
TLP554 TOSHIBA-TLP554_07 Datasheet
370Kb / 8P
SIMPLEX/MULTIPLEX DATA TRANSMISSION
TLP113TPRF TOSHIBA-TLP113TPRF Datasheet
204Kb / 8P
Isolated Line Receiver Simplex / Multiplex Data Transmission
logo
M-System Co.,Ltd.
22LA1 MSYSTEM-22LA1 Datasheet
436Kb / 22P
Multiplex Transmission System
CND MSYSTEM-CND Datasheet
302Kb / 7P
Multiplex Transmission System
DLA1 MSYSTEM-DLA1 Datasheet
577Kb / 33P
Multiplex Transmission System
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com