Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSD813F1AV-90UT Datasheet(PDF) 25 Page - STMicroelectronics

Part # PSD813F1AV-90UT
Description  Flash In-System Programmable (ISP) Peripherals for 8-bit MCUs, 3.3V
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD813F1AV-90UT Datasheet(HTML) 25 Page - STMicroelectronics

Back Button PSD813F1AV-90UT Datasheet HTML 21Page - STMicroelectronics PSD813F1AV-90UT Datasheet HTML 22Page - STMicroelectronics PSD813F1AV-90UT Datasheet HTML 23Page - STMicroelectronics PSD813F1AV-90UT Datasheet HTML 24Page - STMicroelectronics PSD813F1AV-90UT Datasheet HTML 25Page - STMicroelectronics PSD813F1AV-90UT Datasheet HTML 26Page - STMicroelectronics PSD813F1AV-90UT Datasheet HTML 27Page - STMicroelectronics PSD813F1AV-90UT Datasheet HTML 28Page - STMicroelectronics PSD813F1AV-90UT Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 110 page
background image
25/110
PSD813F1V
Writing the OTP Row
Writing to the OTP row (64 bytes) can only be
done once per byte, and is enabled by an instruc-
tion. This instruction is composed of three specific
WRITE operations of data bytes at three specific
memory locations followed by the data to be
stored in the OTP row (refer to Table 8., page 20).
During the WRITE operations, address bit A6 must
be zero, while address bits A5-A0 define the OTP
Row byte to be written while any EEPROM Sector
Select signal (EESi) is active. Writing the OTP
Row is allowed only when SDP mode is not en-
abled.
Figure 7. EEPROM SDP Enable Flowcharts
WRITE AAh to
Address 555h
WRITE 55h to
Address AAAh
WRITE A0h to
Address 555h
SDP is set
Page Write
Instruction
SDP ENABLE ALGORITHM
WRITE AAh to
Address 555h
WRITE 55h to
Address AAAh
WRITE A0h to
Address 555h
Page Write
Instruction
SDP
Set
SDP
not Set
WRITE
is enabled
WRITE Data to
be Written in
any Address
Write
in Memory
Write Data
+
SDP Set
after tWC
(Write Cycle Time)
ai09219



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com