Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSD813F1AV-90UT Datasheet(PDF) 32 Page - STMicroelectronics

Part # PSD813F1AV-90UT
Description  Flash In-System Programmable (ISP) Peripherals for 8-bit MCUs, 3.3V
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD813F1AV-90UT Datasheet(HTML) 32 Page - STMicroelectronics

Back Button PSD813F1AV-90UT Datasheet HTML 28Page - STMicroelectronics PSD813F1AV-90UT Datasheet HTML 29Page - STMicroelectronics PSD813F1AV-90UT Datasheet HTML 30Page - STMicroelectronics PSD813F1AV-90UT Datasheet HTML 31Page - STMicroelectronics PSD813F1AV-90UT Datasheet HTML 32Page - STMicroelectronics PSD813F1AV-90UT Datasheet HTML 33Page - STMicroelectronics PSD813F1AV-90UT Datasheet HTML 34Page - STMicroelectronics PSD813F1AV-90UT Datasheet HTML 35Page - STMicroelectronics PSD813F1AV-90UT Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 110 page
background image
PSD813F1V
32/110
Separate Space Modes
Code memory space is separated from data mem-
ory space. For example, the PSEN signal is used
to access the program code from the Flash Mem-
ory, while the RD signal is used to access data
from the EEPROM, SRAM and I/O Ports. This
configuration requires the VM register to be set to
0Ch. See Figure 12.
Combined Space Modes
The program and data memory spaces are com-
bined into one space that allows the main Flash
Memory, EEPROM, and SRAM to be accessed by
either PSEN or RD. For example, to configure the
main Flash memory in combined space mode, bits
2 and 4 of the VM register are set to “1” (see Figure
13).
Figure 12. 80C31 Memory Modes - Separate Space
Figure 13. 80C31 Memory Mode - Combined Space
Flash
Memory
DPLD
EEPROM
Memory
SRAM
RS0
EES0-EES3
FS0-FS7
CS
CS
CS
OE
OE
RD
PSEN
OE
AI09222
Flash
Memory
DPLD
EEPROM
Memory
SRAM
RS0
EES0-EES3
FS0-FS7
RD
CS
CS
CS
RD
OE
OE
VM REG BIT 2
PSEN
VM REG BIT 0
VM REG BIT 1
VM REG BIT 3
VM REG BIT 4
OE
AI09223



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com