Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LL01-2AB01 Datasheet(PDF) 3 Page - TE Connectivity Ltd

Part # LL01-2AB01
Description  RELAY VERSION
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

LL01-2AB01 Datasheet(HTML) 3 Page - TE Connectivity Ltd

  LL01-2AB01 Datasheet HTML 1Page - TE Connectivity Ltd LL01-2AB01 Datasheet HTML 2Page - TE Connectivity Ltd LL01-2AB01 Datasheet HTML 3Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
LL-01 SERIES
– RELAY VERSION
SENSOR SOLUTIONS /// LL-01 Relay
06/2017
Page 3
ORDERING INFORMATION
Temperature
1
– 8 0 ° C, normally open
2
– 100 C, normally open
3
– 80 ° C, normally closed
Sensor Material
A
– 316L SS
LL01 -
A
Cable Length
01
– 1 foot
04
– 4 feet
10
– 10feet
20
– 20 feet
Sensor Mount and Activation Point
A
– ¼” NPT w/ 0.25” activation point
B
– ½” NPT w/ 0.25” activation point
4
– 100 ° C, normally closed
°
TE.com/sensorsolutions
Measurement Specialties, Inc., a TE Connectivity company.
Accustar, American Sensor Technologies, AST, ATEXIS, DEUTSCH, IdentiCal, TruBlue, KPSI, Krystal Bond, Microfused, UltraStable, Measurement Specialties, MEAS, Schaevitz, TE
Connectivity, TE, and the TE connectivity (logo) are trademarks of the TE Connectivity Ltd. family of companies. Other logos, product and company names mentioned herein may be
trademarks of their respective owners.
The information given herein, including drawings, illustrations and schematics which are intended for illustration purposes only, is believed to be reliable. However, TE Connectivity makes
no warranties as to its accuracy or completeness and disclaims any liability in connection with its use. TE Connectivity‘s obligations shall only be as set forth in TE Connectivity‘s Standard
Terms and Conditions of Sale for this product and in no case will TE Connectivity be liable for any incidental, indirect or consequential damages arising out of the sale, resale, use or
misuse of the product. Users of TE Connectivity products should make their own evaluation to determine the suitability of each such product for the specific application.
NORTH AMERICA
Measurement Specialties, Inc.,
a TE Connectivity Company
Phone +1-800-522-6752
Email: customercare.hmpt@te.com
EUROPE
MEAS Deutschland GmbH(Europe)
a TE Connectivity Company
Phone: +49-800-440-5100
Email: customercare.tlse@te.com
ASIA
Measurement Specialties (China), Ltd.,
a TE Connectivity Company
Phone: +86-400-820-6015
Email: customercare.shzn@te.com



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com