Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LL01-2AB01 Datasheet(PDF) 1 Page - TE Connectivity Ltd

Part # LL01-2AB01
Description  RELAY VERSION
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

LL01-2AB01 Datasheet(HTML) 1 Page - TE Connectivity Ltd

  LL01-2AB01 Datasheet HTML 1Page - TE Connectivity Ltd LL01-2AB01 Datasheet HTML 2Page - TE Connectivity Ltd LL01-2AB01 Datasheet HTML 3Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SENSOR SOLUTIONS /// LL-01 Relay
06/2017
Page 1
FEATURES
 3.3 volt input power
 Electropolishing
 Higher pressure up to 500 PSIG (3447 Kpa)
 Normally closed relay or Power Loop output,
Wet 20±1 mA; Dry 4±1 mA
Standard Features
 High pressure up to 250 PSIG (1724 Kpa)
 Output: Relay output, 0.5 amp SPST
(normally open)
 No moving parts, easy to install
 Input 5 to 30 VDC
 Digital filter techniques enhance
performance
Optional Features
LL-01 SERIES
– RELAY VERSION
SPECIFICATIONS
 Proven ultrasonic technology combined with
compact electronics
 Improved performance in aerated liquids
 Cost effective design for tight spaces and direct
replacement of electro optical and mechanical
float switch
The LL-01 series Ultrasonic Sentio
™ Miniature Liquid
Level Switch uses proven ultrasonic technology combined
with compact electronics yielding improved performance in
aerated liquids.
APPLICATIONS
 Pump protection
 Storage tanks
 Compressors
 Medical and laboratory equipment
 Hydraulic supply lines
 Oil film detection
 Coolant reservoirs
 Boiler water cutoff
 Sewage systems
 Pipe lines
 Hydraulic and lube reservoirs
 Chillers


Similar Part No. - LL01-2AB01

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
LL01-3AA01 TEC-LL01-3AA01 Datasheet
2Mb / 5P
PCB D-Sub Connectors, Plug, Board-to-Board, 50 Position, 2J-I mm [.109 in] Centerline, 3 Row, 5 Connector Shell Size, Square,
08/03/2024 12:27AM
LL01-5AA01 TEC-LL01-5AA01 Datasheet
195Kb / 3P
POWER LOOP
LL01-5AA04 TEC-LL01-5AA04 Datasheet
195Kb / 3P
POWER LOOP
LL01-5AA10 TEC-LL01-5AA10 Datasheet
195Kb / 3P
POWER LOOP
LL01-5AA20 TEC-LL01-5AA20 Datasheet
195Kb / 3P
POWER LOOP
More results

Similar Description - LL01-2AB01

ManufacturerPart #DatasheetDescription
logo
Agere Systems
T8110 AGERE-T8110 Datasheet
2Mb / 222P
Version History
September 2001
logo
Mitsubishi Electric Sem...
M50963E-XXXSP MITSUBISHI-M50963E-XXXSP Datasheet
869Kb / 15P
EPROM VERSION
logo
ZETTLER Electronics
AZ725 ZETTLER-AZ725 Datasheet
57Kb / 2P
16 AMP MINIATURE POWER RELAY HIGH INRUSH VERSION 120 AMP
logo
celduc-relais
ESD16100 CELDUC-ESD16100 Datasheet
82Kb / 1P
Socket for 16 SP/ST relay ( compact version)
logo
DB Lectro Inc
132D DBLECTRO-132D Datasheet
554Kb / 2P
PCB mount version of our high breakdown voltage relay series.
logo
PHOENIX CONTACT
PLC-OS PHOENIX-PLC-OS Datasheet
249Kb / 4P
PLC INTERFACE With Solid-State Relay, Universal Version
EMG17-SG-B24 PHOENIX-EMG17-SG-B24 Datasheet
125Kb / 5P
The illustration shows version EMG 17-REL, with soldered-in remanence miniature switching relay
logo
TE Connectivity Ltd
C-2834171 TEC-C-2834171 Datasheet
126Kb / 2P
FIRST VERSION
logo
PHOENIX CONTACT
103148 PHOENIX-103148 Datasheet
249Kb / 4P
PLC INTERFACE With Solid-State Relay, Universal Version
103152 PHOENIX-103152 Datasheet
258Kb / 3P
PLC INTERFACE With Solid-State Relay, Sensor Version
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com