Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DL8-C-R Datasheet(PDF) 5 Page - M-System Co.,Ltd.

Part # DL8-C-R
Description  WEB-ENABLED REMOTE TERMINAL UNIT
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

DL8-C-R Datasheet(HTML) 5 Page - M-System Co.,Ltd.

  DL8-C-R Datasheet HTML 1Page - M-System Co.,Ltd. DL8-C-R Datasheet HTML 2Page - M-System Co.,Ltd. DL8-C-R Datasheet HTML 3Page - M-System Co.,Ltd. DL8-C-R Datasheet HTML 4Page - M-System Co.,Ltd. DL8-C-R Datasheet HTML 5Page - M-System Co.,Ltd. DL8-C-R Datasheet HTML 6Page - M-System Co.,Ltd. DL8-C-R Datasheet HTML 7Page - M-System Co.,Ltd. DL8-C-R Datasheet HTML 8Page - M-System Co.,Ltd. DL8-C-R Datasheet HTML 9Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
MODEL: DL8
DL8 SPECIFICATIONS
ES-7691 Rev.18 Page 5/9
https://www.m-system.co.jp/
EXTERNAL VIEW
Status Indicator LED
Miniature Jack Connector for DLCFG
RJ-45 Connector for Ethernet
Logging Button (Type C, D & E)
SD Button (Type C, D & E)
SD Card Slot (Type C, D & E)
Miniature Jack Connector for R8CFG
Internal Bus Connector
DPLX
LNK
POWER
LOGGING
SD CARD
SEND
COM
ERROR
I/O
LOGGING
SD CARD
On
8
7
6
5
4
3
2
1
CFG
Function Setting DIP SW
8
7
6
5
4
3
2
1
On
Connector for Power Supply (Exc. supply),
RUN Contact Output
Ethernet Indicator LED
■ STATUS INDICATOR LED
LED
Color Function
POWER
Green
ON at device operating normally
Blinking at Ethernet LINK error
Blinking before obtaining DHCP address
LOGGING Green ON at logging (Type C
, D & E)
SD CARD Green
ON during SD card mounted
Blinking at reading/writing SD card
(Type C
, D & E)
SEND
Green Blinking at e-mailing
COM
Green
Blinking at communication
(except Modbus/TCP master & SLMP Client)
ERROR
Red
ON at error
• R8 I/O module reading error
• SD card access error
• SD card insufficient capacity
■ ETHERNET INDICATOR LED
LED
Color Function
DPLX
Amber ON at full duplex
LNK
Green ON at link
CONNECTION DIAGRAMS
■ POWER SUPPLY (EXC. SUPPLY), RUN CONTACT OUTPUT CONNECTOR TERMINAL ASSIGNMENT
Printed-circuit board connector (Phoenix Contact)
Unit side connector:
MSTBV2,5/5-GF-5,08AU
Cable side connector: TFKC2,5/5-STF-5,08AU
No.
ID
FUNCTION
1
24V
Power supply (exc. supply) 24 V DC
2
0V
Power supply (exc. supply) 0 V DC
3
RUN
RUN contact output
4
RUN
RUN contact output
5
FE
Power supply (exc. supply) earth
1
2
3
4
5



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com