Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DL8-C-R Datasheet(PDF) 9 Page - M-System Co.,Ltd.

Part # DL8-C-R
Description  WEB-ENABLED REMOTE TERMINAL UNIT
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

DL8-C-R Datasheet(HTML) 9 Page - M-System Co.,Ltd.

  DL8-C-R Datasheet HTML 1Page - M-System Co.,Ltd. DL8-C-R Datasheet HTML 2Page - M-System Co.,Ltd. DL8-C-R Datasheet HTML 3Page - M-System Co.,Ltd. DL8-C-R Datasheet HTML 4Page - M-System Co.,Ltd. DL8-C-R Datasheet HTML 5Page - M-System Co.,Ltd. DL8-C-R Datasheet HTML 6Page - M-System Co.,Ltd. DL8-C-R Datasheet HTML 7Page - M-System Co.,Ltd. DL8-C-R Datasheet HTML 8Page - M-System Co.,Ltd. DL8-C-R Datasheet HTML 9Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
MODEL: DL8
DL8 SPECIFICATIONS
ES-7691 Rev.18 Page 9/9
https://www.m-system.co.jp/
SYSTEM CONFIGURATION EXAMPLES
Devices other than the DL8 in below provided by the user.
ISP : Internet Service Provider
■ Monitoring
(SCADA or web browser)
■ Monitoring
(web browser)
■ Receiving mails
■ Monitoring
(web browser)
■ Web server
Note: An E-mail account for a mail server is required to use e-mailing function.
PC/SCADA
3G/LTE Mobile Line
ADSL/Optical
Ethernet
Mobile
Router
■ Web server
■ Sending mails
ADSL/Optical
Web (Internet, VPN, Cloud Server)
R3-NE1
Network Module
Ethernet
RS-485
I/O
I/O
I/O
ADSL/Optical Modem
Router
Wi-Fi
Router
■ Web server
DL8
I/O
DL8
I/O
DL8
3G/LTE Mobile Line
Smart Phone
Smart Phone
ISP
ISP
ISP
ISP
53U
Multi Power Monitor
ISP: Internet Service Provider
3G (3rd Generation): Third generation of mobile telecommunications technology
LTE (Long-Term Evolution): Enhancement of the third generation
AX
IN
Ethernet/RS-485 Adaptor
(model: GR8-EM)
Mitsubishi
programmable-controller
MELSEC iQ-R series
Specifications are subject to change without notice.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com