Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DL8-D-R Datasheet(PDF) 8 Page - M-System Co.,Ltd.

Part # DL8-D-R
Description  WEB-ENABLED REMOTE TERMINAL UNIT
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

DL8-D-R Datasheet(HTML) 8 Page - M-System Co.,Ltd.

  DL8-D-R Datasheet HTML 1Page - M-System Co.,Ltd. DL8-D-R Datasheet HTML 2Page - M-System Co.,Ltd. DL8-D-R Datasheet HTML 3Page - M-System Co.,Ltd. DL8-D-R Datasheet HTML 4Page - M-System Co.,Ltd. DL8-D-R Datasheet HTML 5Page - M-System Co.,Ltd. DL8-D-R Datasheet HTML 6Page - M-System Co.,Ltd. DL8-D-R Datasheet HTML 7Page - M-System Co.,Ltd. DL8-D-R Datasheet HTML 8Page - M-System Co.,Ltd. DL8-D-R Datasheet HTML 9Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
MODEL: DL8
DL8 SPECIFICATIONS
ES-7691 Rev.18 Page 8/9
https://www.m-system.co.jp/
log
FTP CLIENT (Type B, C, D & E)
The recorded data is uploaded to an FTP server and FTPS
server (Type E) in CSV format in specified interval time.
User can define the CSV file.
•Number of channel: Max. 32 (Selectable within AI, DI, DI
(counter), PI, DO, AO)
(AO is selectable with firmware version of the unit 1.4.x or
later)
•Sampling rate (Firmware version 1.6.x or later)
1 or 2 sec (Interval time: 1 or 10 min. or 1 hr.)
5, 10 or 30 sec. (Interval time: 10 min. or 1 hr.)
1, 2, 5, 10, 15, 20 or 30 min. (Interval time: 1 day)
•Sampling rate (Firmware version 1.2.x or later)
1 or 2 sec (Interval time: 1 or 10 min. or 1 hr.)
5, 10 or 30 sec. (Interval time: 10 min. or 1 hr.)
1, 2, 5, 10 or 30 min. (Interval time: 1 day)
•Sampling rate (Firmware version 1.1.x or earlier)
1, 2, 5, 10 or 30 sec. (Interval time: 1 hr.)
1, 2, 5, 10 or 30 min. (Interval time: 1 day)
Note: To confirm the firmware version, use the configurator
software, model: DLCFG.
TREND DATA STORING (Type C, D & E)
The logged data is written into the SD card in CSV format.
User can define the CSV file.
•Number of channels: Max. 32 (Selectable within AI, DI, DI
(counter), PI, DO, AO)
(DO and AO are selectable with firmware version of the unit
1.4.x or later)
•AI sampling: Momentary, average, peak (max.), peak
(min.)
•Logging rate:
Second: 1, 2, 5, 10, 20, 30 sec.
Minute: 1, 2, 5, 10, 15, 20, 30 min.
(15 min. is selectable with firmware version 1.5.x or later)
On the hour: 0 to 23 o’clock (1 or more times available;
specify time delay for each set time)
Day start time and days to log are available.
•Recordable up to the SD card size.
Automatically deleted.
(Auto delete is available with firmware version of the unit
1.4.x or later)
•Recording period (as a guide)
Approx. 180 days
(logging rate: 1 sec, 32 channels, only trend storing)
FTP SERVER (Type C, D & E)
Reading and deleting files in the SD card by an FTP client
and an FTPS client (Type E) are ailable.
Compatible FTP client
•Explorer
•FFFTP 4.4
•Web browser
Internet Explorer version 11
Firefox version 75.0
Compatible FTPS client
•FFFTP 4.4
I/O MAPPING (Type D & E)
Multiplex Data Transmission for remote I/O and IP telemeter
is available by registering DI-to-DO or AI-to-AO mapping
information.
USER DEFINED BROWSER VIEW (Type D & E)
The browser view is user-definable.
Development tools for HTML file are not available by M-
System. Provide by customer.
OTHER FUNCTIONS
Configuration: Configurable with the dedicated software
model: DLCFG
Time zone: Selectable between –12:00 and +13:00
(Time zone setting by minutes is not available for the DL8
Ver.1.3 or earlier versions.)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com