Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DL8-D-R Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # DL8-D-R
Description  WEB-ENABLED REMOTE TERMINAL UNIT
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

DL8-D-R Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  DL8-D-R Datasheet HTML 1Page - M-System Co.,Ltd. DL8-D-R Datasheet HTML 2Page - M-System Co.,Ltd. DL8-D-R Datasheet HTML 3Page - M-System Co.,Ltd. DL8-D-R Datasheet HTML 4Page - M-System Co.,Ltd. DL8-D-R Datasheet HTML 5Page - M-System Co.,Ltd. DL8-D-R Datasheet HTML 6Page - M-System Co.,Ltd. DL8-D-R Datasheet HTML 7Page - M-System Co.,Ltd. DL8-D-R Datasheet HTML 8Page - M-System Co.,Ltd. DL8-D-R Datasheet HTML 9Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
MODEL: DL8
DL8 SPECIFICATIONS
ES-7691 Rev.18 Page 1/9
https://www.m-system.co.jp/
Web Data Logger DL8
WEB-ENABLED REMOTE TERMINAL UNIT
Functions and features
• Remote monitoring of equipment and plants by using
modern communication infrastructure
• Monitoring and logging of a wide variety of signals
including temperature, pressure, voltage, discrete signal
status
• Flexible I/O types and scalable points by combining built-
in R8 Series I/O modules
• Type A has basic 'Browsing' function with web browser.
• Type B is added with 'Reporting' function by e-mails.
• Type C is added with 'Recording' function with SD card.
• Type D is added with 'Advanced' functions of peer-to-peer
connection of I/O signals and customized web browser view.
• Type E is added with 'Expanded Communication' functions
of SLMP client, HTTPS, and FTPS protocols.
115
(4.53)
mm (inch)
50
(1.97)
73
(2.87)
MODEL: DL8–[1]–R[2]
ORDERING INFORMATION
• Code number: DL8–[1]-R[2]
Specify a code from below for each of [1] and [2].
(e.g. DL8-D-R/Q)
• Specify the specification for option code /Q
(e.g. /C01)
[1] MODULE TYPE
A: Modbus/TCP (Ethernet) (Server/client)
Web server
B: Modbus/TCP (Ethernet) (Server/client)
Web server, reporting by e-mail, FTP client
C: Modbus/TCP (Ethernet) (Server/client)
Web server, reporting by e-mail, FTP server/client, data logger
D: Modbus/TCP (Ethernet) (Server/client)
Web server, reporting by e-mail, FTP server/client, data logger,
I/O mapping, user-defined Web browser view
E: Modbus/TCP (Ethernet) (Server/client)
SLMP Client, Web server (HTTP, HTTPS), reporting by e-mail,
FTP server/client, FTPS server/client, data logger, I/O mapping,
user-defined Web browser view
POWER INPUT
DC power
R: 24 V DC
(Operational voltage range: ±10 %; ripple 10 %p-p max.)
[2] OPTIONS
blank: none
/Q: With options (specify the specification)
SPECIFICATIONS OF OPTION: Q
COATING (For the detail, refer to M-System's web site.)
/C01: Silicone coating
/C02: Polyurethane coating
RELATED PRODUCTS
R8 series remote I/O modules
(model: R8-SS2, R8-SS4NJ, R8-SS4N, R8-SST8, R8-SV2,
R8-SV4N, R8-FS16N, R8-TS2, R8-RS4N, R8-CT4E, R8-YS2,
R8-YS2NJ, R8-YST4N, R8-YV4N, R8-PA4, R8-PA4F, R8-PC4A,
R8-DA4A, R8-DAM16A, R8-DAT16A2, R8-DC4A, R8-DC4A2,
R8-DC4C, R8-DCT4D, R8-DCM16A, R8-DCM16ALZ,
R8-DCM16ALK, R8-DCM16ALH, R8-DCM32B2, R8-DCT16A2,
R8-PS1)
• PC Configurator cable (model: MCN-CON or COP-US)
• PC configurator software (model: DLCFG)
• PC configurator software (model: R8CFG)
• Local certification authority creator (model: LCA-DL8)
Software downloadable at M-System’s web site.
• SD card
An SD card is necessary to store data.
Use the specified model number of memory card.
Available for purchase from M-System. Consult M-System.
- Hagiwara Solutions NSD6-004GH(B21SEI
(NSD6-004GH(A00SDI, NSDA-004GL ... discontinued)
PACKAGE INCLUDES...
• Protective cover
• Ferrite core


Similar Part No. - DL8-D-R

ManufacturerPart #DatasheetDescription
logo
Electronic devices inc.
DL800 EDI-DL800 Datasheet
37Kb / 2P
FAST RECOVERY HIGH VOLTAGE 25mA MINIATURE SILICON RECTIFIERS
logo
Sanyo Semicon Device
DL8032-001 SANYO-DL8032-001 Datasheet
90Kb / 1P
Laser Diode Specifications
logo
ams AG
DL82 AMSCO-DL82 Datasheet
12Kb / 2P
CUB - 0.6 um CMOS
logo
Micro Commercial Compon...
DL85C75 MCC-DL85C75 Datasheet
185Kb / 3P
1.3 Watt Zener Diode 2.7 to 75 Volts
logo
CIT Relay & Switch
DL8LA CIT-DL8LA Datasheet
397Kb / 4P
CIT SWITCH
More results

Similar Description - DL8-D-R

ManufacturerPart #DatasheetDescription
logo
rfsolutions.ltd
TGR10 RFSOLUTIONS-TGR10 Datasheet
214Kb / 21P
GSM Remote Control Unit
logo
List of Unclassifed Man...
AWC86 ETC2-AWC86 Datasheet
247Kb / 19P
Micro-Controller incorporates Web-Enabled, Real-time Operating System
RTS1760 ETC2-RTS1760 Datasheet
449Kb / 2P
Remote Terminal
logo
Advantech Co., Ltd.
ADAM-6501 ADVANTECH-ADAM-6501 Datasheet
117Kb / 1P
Web-enabled Universal Communication Controller with Intel XScale
BAS-3512 ADVANTECH-BAS-3512 Datasheet
534Kb / 1P
12-ch Web-enabled DDC Controller
logo
List of Unclassifed Man...
SNMPWEBCARD ETC2-SNMPWEBCARD Datasheet
504Kb / 4P
For remote monitoring and control via SNMP, Web or Telnet
logo
Contec Co., Ltd
CPSN-MCB271-S1-041 CONTEC-CPSN-MCB271-S1-041 Datasheet
600Kb / 4P
Remote I/O CPU Unit
logo
M-System Co.,Ltd.
DL30 MSYSTEM-DL30 Datasheet
617Kb / 11P
WEB-ENABLED REMOTE TERMINAL UNIT
logo
Advantech Co., Ltd.
ESRP-PCS-ADAM3600 ADVANTECH-ESRP-PCS-ADAM3600 Datasheet
573Kb / 2P
Wireless Intelligent Remote terminal unit
20-Dec-2018
logo
KATHREIN Solutions GmbH
742212 KATHREIN-742212 Datasheet
185Kb / 2P
Remote Control Unit (RCU)
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com