Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DLA1-2A2-R Datasheet(PDF) 14 Page - M-System Co.,Ltd.

Part # DLA1-2A2-R
Description  Multiplex Transmission System
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

DLA1-2A2-R Datasheet(HTML) 14 Page - M-System Co.,Ltd.

Back Button DLA1-2A2-R Datasheet HTML 10Page - M-System Co.,Ltd. DLA1-2A2-R Datasheet HTML 11Page - M-System Co.,Ltd. DLA1-2A2-R Datasheet HTML 12Page - M-System Co.,Ltd. DLA1-2A2-R Datasheet HTML 13Page - M-System Co.,Ltd. DLA1-2A2-R Datasheet HTML 14Page - M-System Co.,Ltd. DLA1-2A2-R Datasheet HTML 15Page - M-System Co.,Ltd. DLA1-2A2-R Datasheet HTML 16Page - M-System Co.,Ltd. DLA1-2A2-R Datasheet HTML 17Page - M-System Co.,Ltd. DLA1-2A2-R Datasheet HTML 18Page - M-System Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 33 page
background image
MODEL: DLA1
DLA1 SPECIFICATIONS
ES-6510 Rev.9 Page 14/33
http://www.m-system.co.jp/
CONTACT OUTPUT UNIT
(Do 32 points; open collector)
MODEL: DLA1–[1]C2–[2][3]
ORDERING INFORMATION
• Code number: DLA1–[1]C2–[2][3]
Specify a code from below for each [1] through [3].
(e.g. DLA1-2C2-K/Q)
• Specify the specification for option code /Q
(e.g. /C01)
[1] TRANSMISSION MEDIA
1: Twisted-pair cable
2: Fiber optics cable
7: Twisted-pair – fiber optics (repeater incorporated)
[2] POWER INPUT
AC Power
K: 85 – 132 V AC
(Operational voltage range 85 – 132 V, 47 – 66 Hz)
L: 170 – 264 V AC
(Operational voltage range 170 – 264 V, 47 – 66 Hz)
DC Power
S: 12 V DC
(Operational voltage range 12 V ±10 %, ripple 10 %p-p max.)
R: 24 V DC
(Operational voltage range 24 V ±10 %, ripple 10 %p-p max.)
[3] OPTIONS
blank: none
/Q: With options (specify the specification)
SPECIFICATIONS OF OPTION: Q
COATING (For the detail, refer to M-System's web site.)
/C01: Silicone coating
/C02: Polyurethane coating
/C03: Rubber coating
GENERAL SPECIFICATIONS
Connection
Output: 40-pin connector terminal; M3 screws
(torque 0.7 N·m)
Applicable wire size: 0.75 mm2
Isolation: Output to transmission to power
Contact output indicator LED: Red LEDs turn on when the
respective output channels are ON.
OUTPUT SPECIFICATIONS
Commons: All negatives
Output: Open collector, 32 points
Contact rating: 30 V DC @ 100 mA (resistive load) External
protection is recommended with inductive loads.
Saturation voltage: 1.6 V DC
PERFORMANCE
Output time: 3 msec. per 32 points
EXTERNAL VIEW
40-pin Connector
Terminal Block
Contact output
Indicator LED
CONNECTION DIAGRAM
■ OUTPUT
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
37
38
39
40
COM(–)
CLAMP1
Do 8
Do 7
Do 6
Do 5
Do 4
Do 3
Do 2
Do 1
COM(–)
CLAMP2
Do 16
Do 15
Do 15
Do 13
Do 12
Do 11
Do 10
Do 9
COM(–)
CLAMP3
Do 24
Do 23
Do 22
Do 21
Do 20
Do 19
Do 18
Do 17
COM(–)
CLAMP4
Do 32
Do 31
Do 30
Do 29
Do 28
Do 27
Do 26
Do 25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com