Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DLA1-2A2-R Datasheet(PDF) 15 Page - M-System Co.,Ltd.

Part # DLA1-2A2-R
Description  Multiplex Transmission System
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

DLA1-2A2-R Datasheet(HTML) 15 Page - M-System Co.,Ltd.

Back Button DLA1-2A2-R Datasheet HTML 11Page - M-System Co.,Ltd. DLA1-2A2-R Datasheet HTML 12Page - M-System Co.,Ltd. DLA1-2A2-R Datasheet HTML 13Page - M-System Co.,Ltd. DLA1-2A2-R Datasheet HTML 14Page - M-System Co.,Ltd. DLA1-2A2-R Datasheet HTML 15Page - M-System Co.,Ltd. DLA1-2A2-R Datasheet HTML 16Page - M-System Co.,Ltd. DLA1-2A2-R Datasheet HTML 17Page - M-System Co.,Ltd. DLA1-2A2-R Datasheet HTML 18Page - M-System Co.,Ltd. DLA1-2A2-R Datasheet HTML 19Page - M-System Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 33 page
background image
MODEL: DLA1
DLA1 SPECIFICATIONS
ES-6510 Rev.9 Page 15/33
http://www.m-system.co.jp/
CONTACT OUTPUT UNIT
(Do 64 points; relay contact)
MODEL: DLA1–[1]C3–[2][3]
ORDERING INFORMATION
• Code number: DLA1–[1]C3–[2][3]
Specify a code from below for each [1] through [3].
(e.g. DLA1-2C3-K/Q)
• Specify the specification for option code /Q
(e.g. /C01)
[1] TRANSMISSION MEDIA
1: Twisted-pair cable
2: Fiber optics cable
7: Twisted-pair – fiber optics (repeater incorporated)
[2] POWER INPUT
AC Power
K: 85 – 132 V AC
(Operational voltage range 85 – 132 V, 47 – 66 Hz)
L: 170 – 264 V AC
(Operational voltage range 170 – 264 V, 47 – 66 Hz)
DC Power
S: 12 V DC
(Operational voltage range 12 V ±10 %, ripple 10 %p-p max.)
R: 24 V DC
(Operational voltage range 24 V ±10 %, ripple 10 %p-p max.)
[3] OPTIONS
blank: none
/Q: With options (specify the specification)
SPECIFICATIONS OF OPTION: Q
COATING (For the detail, refer to M-System's web site.)
/C01: Silicone coating
/C02: Polyurethane coating
/C03: Rubber coating
RELATED PRODUCTS
• Connector terminal block (model: CNT)
• Special cable with 40-pin connector (model: FCN)
GENERAL SPECIFICATIONS
Connection:
Output: FCN 40-pin connector (two);
(FUJITSU FCN-365P040-AU)
LED indicator selector: Switching between CN1 (U) and
CN2 (L)
Isolation: Output to transmission to power
Contact output indicator LED: Red LEDs turn on when the
respective output channels are ON.
OUTPUT SPECIFICATIONS
Common: Per 4 points
Common current: Max. 0.8 A
Output: Relay contact, 64 points
Contact rating: 120 V AC @ 0.8 A (cos ø = 1)
30 V DC @ 0.8 A (resistive load)
Maximum switching voltage: 120 V AC or 30 V DC
Maximum switching power: 96 VA or 24 W
Minimum load: 5 V DC @ 10 mA
Mechanical life: 5 × 107 cycles
For maximum relay life with inductive loads, external
protection is recommended.
PERFORMANCE
Output time
OFF to ON: 8 msec. per 64 points
ON to OFF: 6 msec. per 64 points
EXTERNAL VIEW
Contact Output
Indicator LED
CN2
LED Indicator
Selector
CN1
U
L
SW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com