Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DLC-200-R Datasheet(PDF) 5 Page - M-System Co.,Ltd.

Part # DLC-200-R
Description  REMOTE I/O INTERFACE UNIT
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

DLC-200-R Datasheet(HTML) 5 Page - M-System Co.,Ltd.

  DLC-200-R Datasheet HTML 1Page - M-System Co.,Ltd. DLC-200-R Datasheet HTML 2Page - M-System Co.,Ltd. DLC-200-R Datasheet HTML 3Page - M-System Co.,Ltd. DLC-200-R Datasheet HTML 4Page - M-System Co.,Ltd. DLC-200-R Datasheet HTML 5Page - M-System Co.,Ltd. DLC-200-R Datasheet HTML 6Page - M-System Co.,Ltd. DLC-200-R Datasheet HTML 7Page - M-System Co.,Ltd. DLC-200-R Datasheet HTML 8Page - M-System Co.,Ltd. DLC-200-R Datasheet HTML 9Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
MODEL: DLC
http://www.m-system.co.jp/
DLC SPECIFICATIONS
ES-6512 Rev.11 Page 5/9
■ WITH I/O CONNECTORS
3.5 (.14)
53 (2.09)
200 (7.87)
170 (6.69)
80 (3.15) min.
• Connector Pin Assignment
SIDE MOUNTING 4 –
4 (.16) dia.
[53 (2.09) deep]
SURFACE MOUNTING M4 SCREW
[7 (.28) deep]
A1
A20
B1
B20
CN1
A1
A20
B1
B20
CN2
U
L
LED INDICATOR
SELECTOR
)
2
-
B
.
g
i
F
(
)
1
-
B
.
g
i
F
(
Observe appropriate space for the front RS-232-C cable
(provided by user).
•Terminal Assignment, Euro Type Connector Terminals
9
8
7
6
5
4
3
2
1
*
*Not provided for fiber optics (code 2)
Note : There is no specific order for connecting fiber optics.
PIN TERMINAL
PHOENIX CONTACT AI 1.5-8BK RECOMMENDED
MULTI-STRAND CABLE: 1.25 mm2 (.02 in2)
SOLID CABLE
1.4 mm (.06) dia.
SCREWDRIVER (–)
Remove cover.
8 mm (.32)
•Wiring Procedure of Connector Terminals



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com