Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DLC-200-R Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # DLC-200-R
Description  REMOTE I/O INTERFACE UNIT
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

DLC-200-R Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  DLC-200-R Datasheet HTML 1Page - M-System Co.,Ltd. DLC-200-R Datasheet HTML 2Page - M-System Co.,Ltd. DLC-200-R Datasheet HTML 3Page - M-System Co.,Ltd. DLC-200-R Datasheet HTML 4Page - M-System Co.,Ltd. DLC-200-R Datasheet HTML 5Page - M-System Co.,Ltd. DLC-200-R Datasheet HTML 6Page - M-System Co.,Ltd. DLC-200-R Datasheet HTML 7Page - M-System Co.,Ltd. DLC-200-R Datasheet HTML 8Page - M-System Co.,Ltd. DLC-200-R Datasheet HTML 9Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
MODEL: DLC
http://www.m-system.co.jp/
DLC SPECIFICATIONS
ES-6512 Rev.11 Page 1/9
Remote I/O
REMOTE I/O INTERFACE UNIT
Functions & Features
• Interfacing between the host computer and remote I/O
devices
• RS-232-C (non-procedure)
• Buffer memory common for DLC commands enables quick
I/O without waiting time
• Process I/O
FIBER
LINK
RT
RU
SA2
SA1
RUN
POW
53 (2.09)
200
(2.87)
300
(11.81)
mm (inch)
MODEL: DLC–[1][2]–[3]
ORDERING INFORMATION
• Code number: DLC-[1][2]-[3]
Specify a code from below for each [1] through [3].
(e.g. DLC-1S1A4B4-K)
[1] TRANSMISSION MEDIA
1: Twisted-pair cable
2: Fiber optics cable
7: Twisted-pair – fiber optics (repeater incorporated)
[2] I/O SECTION
[Computer Interface without Process I/O]
00: RS-232-C (non-procedure)
[RS-232-C with Process I/O]
A1: Di 32 points
A2: Di 64 points
C1: Do 32 points (relay)
C2: Do 32 points (open collector)
C3: Do 64 points (relay)
C4: Do 64 points (open collector)
E1: Di 16 + Do 16 points (relay)
E2 : Di 16 + Do 16 points (open collector)
G1x: Ai 32 points
M1x: Ao 32 points
P1x : Pi 16 + Ai 16 points
R1xx: Ai 16 + Ao 16 points
S1xx: Ai 8 + Ao 8 + Di 8 + Do 8 points
U1x : Po 16 + Ao 16 points
See data sheet for Standard Multi-Transmission Unit (model:
DLA1) for specifications of I/O sections.
[3] POWER INPUT
AC Power
K: 85 – 132 V AC
(Operational voltage range 85 – 132 V, 47 – 66 Hz)
L: 170 – 264 V AC
(Operational voltage range 170 – 264 V, 47 – 66 Hz)
DC Power
S: 12 V DC
(Operational voltage range 12 V ±10 %, ripple 10 %p-p max.)
R: 24 V DC
(Operational voltage range 24 V ±10 %, ripple 10 %p-p max.)
RELATED PRODUCTS
• Standard multi-transmission unit (model: DLA1)
GENERAL SPECIFICATIONS
Construction: Surface mounting; terminal access on the
front
Connection
Transmission line terminal: Euro type connector terminal;
wire size 1.25 mm2 max.
Power supply terminal: Euro type connector terminal; wire
size 1.25 mm2 max.
RUN contact: Euro type connector terminal; wire size 1.25
mm2 max.
I/O section:
•32-point I/O (or less): 40-pin connector terminal; M3 × 6
screws (torque 0.7 N·m)
•64-point I/O: FCN 40-pin connector (two);
(FUJITSU FCN-365P040-AU)
Housing material: Flame-resistant resin (beige)
Isolation: I/O to transmission section to power
Station No. adjustment: 2 rotary switches; 00 – FF (256)
■ Controller & Transmission Sections
Power indicator: Red LED turns ON in normal conditions;
OFF when the voltage level becomes low.
RUN indicator: Red LED turns OFF in error.
■ I/O Section
Contact I/O indicator LED: Red lights turn on when the
respective I/O channels are ON.
Analog I/O CPU RUN indicator LED: Red LED turns ON when
the CPU function proves normal, OFF in error.
■ RUN Output: Contact opens in error.
Rated load: 100 V AC or 30 V DC @ 1 A (resistive load)
Maximum switching voltage: 120 V AC or 30 V DC


Similar Part No. - DLC-200-R

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
DLC-02 MEANWELL-DLC-02 Datasheet
1Mb / 6P
DALI Controller/DALI Gateway
DLC-02 MEANWELL-DLC-02 Datasheet
1Mb / 7P
DALI Digital Lighting Controller
2022-11-04
DLC-02-KN MEANWELL-DLC-02-KN Datasheet
992Kb / 7P
KNX-DALI Gateway
2022-11-04
DLC-02 MEANWELL-DLC-02_V01 Datasheet
1Mb / 7P
DALI Digital Lighting Controller
2022-11-04
logo
SOVICO corp.
DLC-116 SOVICO-DLC-116 Datasheet
244Kb / 1P
Line Checker
More results

Similar Description - DLC-200-R

ManufacturerPart #DatasheetDescription
logo
Contec Co., Ltd
CPSN-MCB271-S1-041 CONTEC-CPSN-MCB271-S1-041 Datasheet
600Kb / 4P
Remote I/O CPU Unit
logo
M-System Co.,Ltd.
R6N-E1 MSYSTEM-R6N-E1 Datasheet
232Kb / 6P
Remote I/O R6 Series ETHERNET INTERFACE MODULE
R6N-M2 MSYSTEM-R6N-M2 Datasheet
231Kb / 7P
Remote I/O R6 Series MODBUS INTERFACE MODULE
R30GECT1 MSYSTEM-R30GECT1 Datasheet
154Kb / 4P
Remote I/O R30 Series EtherCAT INTERFACE I/O MODULE
R3-GD1 MSYSTEM-R3-GD1 Datasheet
146Kb / 5P
Remote I/O R3 Series DeviceNet INTERFACE MODULE
R3-GE1 MSYSTEM-R3-GE1 Datasheet
198Kb / 8P
Remote I/O R3 Series INTERFACE I/O MODULE
R3-GSLMP1 MSYSTEM-R3-GSLMP1 Datasheet
205Kb / 10P
Remote I/O R3 Series INTERFACE I/O MODULE
R9WTU-ED MSYSTEM-R9WTU-ED Datasheet
191Kb / 5P
Remote I/O R9 Series DISCRETE I/O EXTENSION UNIT
logo
Pepperl+Fuchs Inc.
FB92EU-PF0-A-0A0-00-0 PF-FB92EU-PF0-A-0A0-00-0 Datasheet
1Mb / 3P
FB Remote I/O Field Unit
FB9224-PF0-A-0A0-00-0 PF-FB9224-PF0-A-0A0-00-0 Datasheet
1Mb / 3P
FB Remote I/O Field Unit
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com