Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3472425 Datasheet(PDF) 1 Page - Festo Corporation.

Part # 3472425
Description  Control block
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

3472425 Datasheet(HTML) 1 Page - Festo Corporation.

  3472425 Datasheet HTML 1Page - Festo Corporation. 3472425 Datasheet HTML 2Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Control block
CPX-CEC-S1-V3
Part number: 3472425
Data sheet
Feature
Value
Dimensions W x L x H
50 mm x 107 mm x 55 mm
Type code
CPX
Device-specific diagnostics
Channel-oriented and module-oriented diagnostics
Undervoltage/short circuit of modules
Diagnostic memory
CPU data
256 MB RAM
32 MB flash
800 MHz processor
Configuration support
CODESYS V3
Parameterization
CODESYS V3
Additional functions
Diagnostic functions
RS232 communication function
Control elements
Rotary switch for RUN/Stop
Programming, operating language
DE, EN
Programming, file handling support
yes
Processing time
Approx. 200 µs/1 k instruction
Data interface
RS232 interface
Sub-D, 9-pin, socket
9.6 ... 230.4 kBit/s
Galvanically isolated
Intrinsic current consumption at nominal operating voltage
Typ. 85 mA
IP address setting
DHCP
Via CODESYS
Via MMI
Function blocks
Read CPX module diagnostics
CPX diagnostic status
Copy CPX diagnostic trace
and others
Flag
28 kB remanent data
CODESYS variable concept
Nominal operating voltage DC load voltage
Without pneumatics: 18 ... 30V
24 V
With midi/maxi pneumatic valves types: 21.6 ... 26.4 V
With pneumatic type CPA: 20.4 ... 26.4 V
With pneumatics type MPA: 18 ... 30 V
Nominal operating voltage DC
24 V
Power failure buffering
10 ms
Programming software
CODESYS provided by Festo
6/14/21 - Subject to change - Festo AG & Co. KG
1/2


Similar Part No. - 3472425

ManufacturerPart #DatasheetDescription
logo
Keystone Electronics Co...
3472 KEYSTONE-3472 Datasheet
282Kb / 1P
SPACERS & STANDOFFS
31-07 20th
logo
Festo Corporation.
34720 FESTO-34720 Datasheet
80Kb / 2P
ISO cylinder
logo
Freescale Semiconductor...
34726 FREESCALE-34726 Datasheet
1Mb / 19P
300mA High Efficiency Low Quiescent Current Synchronous Buck Regulator With Z-mode
34727 FREESCALE-34727 Datasheet
1Mb / 19P
600mA High Efficiency Low Quiescent Current Synchronous Buck Regulator With Z-mode
logo
Festo Corporation.
3472765 FESTO-3472765 Datasheet
96Kb / 2P
Control block
More results

Similar Description - 3472425

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
SCYW99143 ONSEMI-SCYW99143 Datasheet
1Mb / 35P
Universal High Voltage Control Block
February, 2013 ??Rev. P0
logo
Festo Corporation.
CPX-CEC-M1-V3 FESTO-CPX-CEC-M1-V3 Datasheet
96Kb / 2P
Control block
567346 FESTO-567346 Datasheet
94Kb / 2P
Control block
567347 FESTO-567347 Datasheet
91Kb / 2P
Control block
3473128 FESTO-3473128 Datasheet
95Kb / 2P
Control block
569819 FESTO-569819 Datasheet
110Kb / 2P
Control block
569820 FESTO-569820 Datasheet
111Kb / 3P
Control block
574011 FESTO-574011 Datasheet
107Kb / 2P
Control block
574012 FESTO-574012 Datasheet
107Kb / 2P
Control block
logo
Schneider Electric
LU9MR1 SCHNEIDER-LU9MR1 Datasheet
113Kb / 2P
Control terminal block, reversing motor starter, TeSys Ultra
May 11, 2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com