Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3472425 Datasheet(PDF) 2 Page - Festo Corporation.

Part # 3472425
Description  Control block
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

3472425 Datasheet(HTML) 2 Page - Festo Corporation.

  3472425 Datasheet HTML 1Page - Festo Corporation. 3472425 Datasheet HTML 2Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Feature
Value
Programming language
as per IEC 61131-3
KOP
AWL
ST
FUP
AS
Additionally CFC
Program memory
16 MB user program
Corrosion resistance class (CRC)
2 - Moderate corrosion stress
Storage temperature
-20 °C ... 70 °C
Relative air humidity
95 %
Non-condensing
Degree of protection
IP65
IP67
Ambient temperature
-5 °C ... 50 °C
Product weight
135 g
Ethernet, number
1
Ethernet, data transmission speed
10/100 Mbit/s
Ethernet, supported protocols
TCP/IP, EasyIP, Modbus® TCP
Ethernet, connector plug
RJ45
Socket
8-pin
Protocol
CODESYS level 2
EasyIP
Modbus® TCP
TCP/IP
Max. cable length
30 m
Serial interface, number
1
Ethernet interface
RJ 45 (socket, 8-pin)
LED display (bus-specific)
TP: link/traffic
LED display (product-specific)
ERR: PLC runtime error
M: modify/forcing active
PL: load supply
PS: electronics supply, sensor supply
RUN: PLC status
SF: system fault
STOP: PLC status
Note on materials
RoHS-compliant
Housing material
PA-reinforced
PC
6/14/21 - Subject to change - Festo AG & Co. KG
2/2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com