Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDSA-D3-RV Datasheet(PDF) 1 Page - Festo Corporation.

Part # CDSA-D3-RV
Description  Operator unit
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

CDSA-D3-RV Datasheet(HTML) 1 Page - Festo Corporation.

  CDSA-D3-RV Datasheet HTML 1Page - Festo Corporation. CDSA-D3-RV Datasheet HTML 2Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Operator unit
CDSA-D3-RV
Part number: 8126915
Data sheet
Feature
Value
Type code
CDSA
No. of function keys
20
Number of system LEDs
5
Display
LCD display
With backlighting
Display properties
Touchscreen
Display size
7"
Control elements
Touch sensitive keyboard
Release control unit
Emergency-off pushbutton
Input current
<= 5.6 A
DC operating voltage range
19.2 V ... 30 V
Display resolution
WSVGA, 600 x 1024 pixels
Certification
CCC
RCM compliance mark
c UL us - Listed (OL)
KC characters
KC EMC
CE marking (see declaration of conformity)
As per EU EMC directive
As per EU RoHS directive
Certificate issuing authority
UL E239998
Storage temperature
-20 °C ... 70 °C
Relative air humidity
5 - 95 %
Degree of protection
IP65
Note on degree of protection
When USB cover flap is closed
In mounted state
Protection class
III
Ambient temperature
0 °C ... 40 °C
Product weight
950 g
Electrical power consumption
12 W
IP address allocation
DHCP
FCT
Nominal operating voltage DC
24 V
Power failure buffering
10 ms
Nominal altitude of use above sea level
<= 2000 m NHN
Power supply, function
Release control
Emergency off
Power supply
Power supply, type of connection
Socket strip
6/15/21 - Subject to change - Festo AG & Co. KG
1/2


Similar Part No. - CDSA-D3-RV

ManufacturerPart #DatasheetDescription
logo
Omega Engineering, Inc.
CDSA-1413 OMEGA-CDSA-1413 Datasheet
516Kb / 4P
Integral Or Remote Mount Conductivity/Resistivity Transmitters
CDSA-1413 OMEGA-CDSA-1413 Datasheet
294Kb / 1P
OMEGAETTE TM Microprocessor Based Water Test meter
CDSA-1500 OMEGA-CDSA-1500 Datasheet
516Kb / 4P
Integral Or Remote Mount Conductivity/Resistivity Transmitters
CDSA-45 OMEGA-CDSA-45 Datasheet
516Kb / 4P
Integral Or Remote Mount Conductivity/Resistivity Transmitters
CDSA-450 OMEGA-CDSA-450 Datasheet
516Kb / 4P
Integral Or Remote Mount Conductivity/Resistivity Transmitters
More results

Similar Description - CDSA-D3-RV

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2701250 PHOENIX-2701250 Datasheet
48Kb / 1P
Panel to mount in base unit, RJ-45 connector for remote Operator Panel
logo
Festo Corporation.
CDSB-A1 FESTO-CDSB-A1 Datasheet
72Kb / 1P
Operator unit
logo
Schneider Electric
XB5AACUST03 SCHNEIDER-XB5AACUST03 Datasheet
120Kb / 1P
PUSHBUTTON OPERATOR HEAD
May 24, 2021
logo
Festo Corporation.
574410 FESTO-574410 Datasheet
76Kb / 2P
Operator unit
574411 FESTO-574411 Datasheet
74Kb / 2P
Operator unit
574412 FESTO-574412 Datasheet
69Kb / 2P
Operator unit
574413 FESTO-574413 Datasheet
70Kb / 2P
Operator unit
8070984 FESTO-8070984 Datasheet
72Kb / 1P
Operator unit
logo
Schneider Electric
LTMCU SCHNEIDER-LTMCU Datasheet
84Kb / 2P
TeSys T Operator control unit for LTM R controller
Aug 15, 2019
9001KR4R05 SCHNEIDER-9001KR4R05 Datasheet
131Kb / 2P
PUSHBUTTON OPERATOR 30MM
Dec 28, 2021
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com