Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDSA-D3-RV Datasheet(PDF) 2 Page - Festo Corporation.

Part # CDSA-D3-RV
Description  Operator unit
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

CDSA-D3-RV Datasheet(HTML) 2 Page - Festo Corporation.

  CDSA-D3-RV Datasheet HTML 1Page - Festo Corporation. CDSA-D3-RV Datasheet HTML 2Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Feature
Value
Power supply, connection technology
Socket strip, 12 pins, 2 rows
Power supply, number of pins/wires
12
Power supply, used pins/wires
6
USB interface
USB 2.0, type A
USB interface, plug pattern
00995868
Ethernet interface, protocol
TCP/IP
Ethernet interface, function
Diagnostics
Network connection to PLC
Parameterization
Ethernet interface, connection type
Socket
Ethernet interface, connection technology
RJ45
Ethernet interface, number of poles/wires
8
Ethernet interface, transmission rate
100 Mbit/s
Ethernet interface, connection pattern
00995789
Note on materials
Contains paint-wetting impairment substances
RoHS-compliant
Housing material
ABS
Dimensions W x L x H
212 mm x 251 mm x 73 mm
Note on acceptable current load at 40°C
10 - 1000 mA at every contact for emergency off
< 500 mA for release control unit
Utilization category
DC-13, emergency stop
Subcomponent, service-life value B10d
0.25 mill. switch cycles, emergency off
1 mill. switch cycles, release control unit
6/15/21 - Subject to change - Festo AG & Co. KG
2/2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com