Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPD106 Datasheet(PDF) 42 Page - Analog Devices

Part # ADPD106
Description  Photometric Front Ends
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPD106 Datasheet(HTML) 42 Page - Analog Devices

Back Button ADPD106 Datasheet HTML 38Page - Analog Devices ADPD106 Datasheet HTML 39Page - Analog Devices ADPD106 Datasheet HTML 40Page - Analog Devices ADPD106 Datasheet HTML 41Page - Analog Devices ADPD106 Datasheet HTML 42Page - Analog Devices ADPD106 Datasheet HTML 43Page - Analog Devices ADPD106 Datasheet HTML 44Page - Analog Devices ADPD106 Datasheet HTML 45Page - Analog Devices ADPD106 Datasheet HTML 46Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 66 page
background image
ADPD105/ADPD106/ADPD107
Data Sheet
Rev. A | Page 42 of 66
Table 26. Analog Specifications for TIA ADC and Digital Integrate Modes
Parameter
Test Conditions/Comments
Typ
Unit
TIA ADC/Digital Integration Saturation Levels
Values expressed per channel, per sample; TIA feedback resistor
25 kΩ
38.32
μA
50 kΩ
19.16
μA
100 kΩ
9.58
μA
200 kΩ
4.79
μA
TIA ADC Resolution
Values expressed per channel, per sample; TIA feedback resistor
25 kΩ
2.92
nA/LSB
50 kΩ
1.5
nA/LSB
100 kΩ
0.73
nA/LSB
200 kΩ
0.37
nA/LSB
Output with No Input Photocurrent
ADC offset (Register 0x18 to Register 0x21) = 0x0
13,000
LSB
DIGITAL INTEGRATE MODE
Digital integrate mode is built into the ADPD105/ADPD106/
ADPD107 and allows the device to accommodate longer
LED/AFE pulse widths and different types of sensors at the
input. The analog integration mode described in the AFE
Operation section is ideally suited for applications requiring a
large LED duty cycle, or applications that require customization
of the sampling scheme. Digital integrate mode allows the
integration function to be performed after the ADC in the
digital domain. This mode enables the device to handle a much
wider range of sensors at the input.
In digital integrate mode, the ADC performs a conversion every
1 μs during the integration window. During the integration
window, the digital engine either adds to or subtracts from
the previous sample. The band-pass filter is bypassed and the
integrator is converted to a voltage buffer, allowing the digital
engine to perform the integration function. In this mode, after
the timing is optimized, the output of the ADC increases as the
light level on the photodiode increases.
The integration window is a combination of negative and positive
windows where the duration of these windows is set by SLOTx_
AFE_WIDTH. At the end of the digital integration window, the
resulting sum is sent to the decimate unit as the sample for that
LED pulse. There is one sample per time slot for every sample
cycle. Table 27 lists the registers required for placing the device
in digital integrate mode.
There may also be changes needed in the SLOTx_AFE_OFFSET
registers and FIFO configuration register (0x11). To read the
final value through the FIFO, set the appropriate values in Regis-
ter 0x11, Bits[4:2] for Time Slot A, and Register 0x11, Bits[8:6]
for Time Slot B. Alternatively, the final output is also available
through the data registers; Register 0x64, Register 0x70, and
Register 0x74 for Time Slot A, and Register 0x68, Register 0x78,
and Register 0x7C for Time Slot B.
To put the ADPD105/ADPD106/ADPD107 into digital
integration mode during Time Slot A, write 0x1 to Register 0x58,
Bit 12. To put the ADPD105/ADPD106/ADPD107 into digital
integration mode in Time Slot B, write 0x1 to Register 0x58, Bit 13.
The other writes required to switch to digital integration mode
are listed in Table 27.
When using digital integrate mode, up to two photodiodes can
be connected to the ADPD105/ADPD106/ADPD107 inputs; one
photodiode per PDx input group (PD1/PD2/PD3/PD4 or PD5/
PD6/PD7/PD8). Never connect the same photodiode across the
two PDx groups. In digital integrate mode, there are options to
connect the photodiode to all four AFE channels (PD1/PD2/PD3/
PD4 or PD5/PD6/PD7/PD8), or just a single AFE channel (PD1
or PD5). When connecting to a single AFE channel, write 0x1
to Register 0x54, Bit 14 for Time Slot A, or, for Time Slot B,
write 0x1 to Register 0x54, Bit 15.
When connecting to a single AFE channel, there is also an
option to turn off Channel 2, Channel 3, and Channel 4 (and to
save power) by writing 0x7 to Register 0x55, Bits[15:13]. When
connecting to all four channels (PD1/PD2/PD3/PD4 or PD5/
PD6/PD7/PD8), write 0x0 (default)to Register 0x54, Bit 14 for
Time Slot A, or write 0x0 (default) to Register 0x54, Bit 15 for
Time Slot B. Ensure that all AFE channels are powered up by
writing 0x0 to Register 0x55, Bits[15:13].
Connecting the single photodiode to a single AFE channel offers
the best SNR performance in cases where signal is limited, whereas
connecting the single photodiode to all four AFE channels offers
the best dynamic range in cases where signal is large.
Digital Integration Sampling Modes
There are two sampling modes that can be used while the
device is in digital integration mode. These modes are single-
sample pair mode and double-sample pair mode.
In single-sample pair mode, there is a single negative sample
region and a single positive sample region, shown in Figure 48
and Figure 49. To use single-sample pair mode, write 0x1 to
Register 5A, Bit 5 for Time Slot A, or Register 5A, Bit 6 for
Time Slot B. The negative sample region starts at SLOTx_AFE_
OFFSET + 9 and its duration (the number of samples taken) is set
by SLOTx_AFE_WIDTH. The positive sample region starts at
SLOTx_AFE_OFFSET + 9 + SLOTx_AFE_WIDTH, and its
duration is also set by SLOTx_AFE_WIDTH. Set the timing
such that the negative sample region falls entirely in the flat



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com