Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPD106 Datasheet(PDF) 13 Page - Analog Devices

Part # ADPD106
Description  Photometric Front Ends
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPD106 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADPD106 Datasheet HTML 9Page - Analog Devices ADPD106 Datasheet HTML 10Page - Analog Devices ADPD106 Datasheet HTML 11Page - Analog Devices ADPD106 Datasheet HTML 12Page - Analog Devices ADPD106 Datasheet HTML 13Page - Analog Devices ADPD106 Datasheet HTML 14Page - Analog Devices ADPD106 Datasheet HTML 15Page - Analog Devices ADPD106 Datasheet HTML 16Page - Analog Devices ADPD106 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 66 page
background image
Data Sheet
ADPD105/ADPD106/ADPD107
Rev. A | Page 13 of 66
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
1
GPIO0
2
GPIO1
3
DVDD
4
AGND
5
VREF
6
AVDD
7
PD1
17 NIC
18 NIC
19 NIC
20 NIC
21 NIC
16 NIC
15 PD8
ADPD105
TOP VIEW
(Not to Scale)
NOTES
1. NIC = NOT INTERNALLY CONNECTED (NONBONDED PAD).
THIS PIN CAN BE GROUNDED.
2. EXPOSED PAD (DIGITAL GROUND). CONNECT THE
EXPOSED PAD TO GROUND.
Figure 6. 28-Lead LFCSP Pin Configuration (ADPD105)
Table 11. 28-Lead LFCSP Pin Function Descriptions
Pin No.
Mnemonic
Type1
Description
1
GPIO0
DIO
General-Purpose Input/Output (I/O). This pin is used for interrupts and various clocking options.
2
GPIO1
DIO
General-Purpose I/O. This pin is used for interrupts and various clocking options.
3
DVDD
S
1.8 V Digital Supply.
4
AGND
S
Analog Ground.
5
VREF
REF
Internally Generated ADC Voltage Reference. Buffer this pin with a 1 μF capacitor to AGND.
6
AVDD
S
1.8 V Analog Supply.
7
PD1
AI
Photodiode Current Input (Anode). If not in use, leave this pin floating.
8
PD2
AI
Photodiode Current Input (Anode). If not in use, leave this pin floating.
9
PD3
AI
Photodiode Current Input (Anode). If not in use, leave this pin floating.
10
PD4
AI
Photodiode Current Input (Anode). If not in use, leave this pin floating.
11
PDC
AO
Photodiode Common Cathode Bias.
12
PD5
AI
Photodiode Current Input (Anode). If not in use, leave this pin floating.
13
PD6
AI
Photodiode Current Input (Anode). If not in use, leave this pin floating.
14
PD7
AI
Photodiode Current Input (Anode). If not in use, leave this pin floating.
15
PD8
AI
Photodiode Current Input (Anode). If not in use, leave this pin floating.
16 to 22
NIC
R
Not Internally Connected (Nonbonded Pad). This pin can be grounded.
23
LEDX1
AO
LED Driver 1 Current Sink. If not in use, leave this pin floating.
24
LEDX3
AO
LED Driver 3 Current Sink. If not in use, leave this pin floating.
25
LEDX2
AO
LED Driver 2 Current Sink. If not in use, leave this pin floating.
26
LGND
S
LED Driver Ground.
27
SCL
DI
I2C Clock Input.
28
SDA
DIO
I2C Data Input/Output.
EPAD (DGND)
S
Exposed Pad (Digital Ground). Connect the exposed pad to ground.
1 DIO means digital input/output, S means supply, REF means voltage reference, AI means analog input, AO means analog output, R means reserved, and DI means
digital input.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com