Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPD105BCPZ Datasheet(PDF) 39 Page - Analog Devices

Part # ADPD105BCPZ
Description  Photometric Front Ends
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPD105BCPZ Datasheet(HTML) 39 Page - Analog Devices

Back Button ADPD105BCPZ Datasheet HTML 35Page - Analog Devices ADPD105BCPZ Datasheet HTML 36Page - Analog Devices ADPD105BCPZ Datasheet HTML 37Page - Analog Devices ADPD105BCPZ Datasheet HTML 38Page - Analog Devices ADPD105BCPZ Datasheet HTML 39Page - Analog Devices ADPD105BCPZ Datasheet HTML 40Page - Analog Devices ADPD105BCPZ Datasheet HTML 41Page - Analog Devices ADPD105BCPZ Datasheet HTML 42Page - Analog Devices ADPD105BCPZ Datasheet HTML 43Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 66 page
background image
Data Sheet
ADPD105/ADPD106/ADPD107
Rev. A | Page 39 of 66
OPTIMIZING POWER BY DISABLING UNUSED
CHANNELS AND AMPLIFIERS
Single-Channel AFE Mode
When using a single photodiode in an application, with that
photodiode connected to a single AFE channel (either Channel 1
or Channel 2), the ADPD105/ADPD106/ADPD107 have an
option to power down the unused channels, placing the device in
single AFE channel mode. Because three of the four AFE channels
are turned off in this mode, the power consumption is considerably
reduced.
If only Channel 1 is being used, disable Channel 2, Channel 3, and
Channel 4 by writing 0x7 to Register 0x3C, Bits[8:6]. If only
Channel 2 is being used, disable Channel 1 by writing 0x7 to
Register 0x3C, Bits[5:3], and disable Channel 3 and Channel 4
by writing 0x7 to Register 0x37, Bits[15:13].
Dual-Channel AFE Mode
In situations where two of the four channels are in use, the
other two channels can be disabled. Enable Channel 1 and
Channel 2 (with Channel 3 and Channel 4 disabled) by writing
0x7 to Register 0x37, Bits[15:13]. Operate Channel 3 and Channel 4
in dual channel mode (with Channel 1 and Channel 2 disabled)
by writing 0x7 to both Register 0x3C, Bits[5:3] and Register 0x37,
Bits[12:10].
Three-channel mode can also be achieved with the appropriate
settings. See Table 25 for the settings required to power down
different combinations of channels. Refer to the Time Slot
Switch section to determine the different combinations of the
PDx inputs and enabled channels required to optimize the
system configuration for maximum SNR and lowest power.
Table 25. Channel Power-Down Settings
Number of Channels
Channels Enabled
Register 0x3C,
Bits[8:6]
Register 0x3C,
Bits[5:3]
Register 0x37,
Bits[15:13]
Register 0x37,
Bits[12:10]
1
Channel 1
0x7
0x0
Not applicable
Not applicable
1
Channel 2
0x0
0x7
0x7
0x0
2
Channel 1, Channel 2
0x0
0x0
0x7
0x0
2
Channel 3, Channel 4
0x0
0x7
0x0
0x7
3
Channel 2, Channel 3, Channel 4
0x0
0x7
0x0
0x0
4
All channels
0x0
0x0
0x0
0x0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com