Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPD105BCPZ Datasheet(PDF) 16 Page - Analog Devices

Part # ADPD105BCPZ
Description  Photometric Front Ends
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPD105BCPZ Datasheet(HTML) 16 Page - Analog Devices

Back Button ADPD105BCPZ Datasheet HTML 12Page - Analog Devices ADPD105BCPZ Datasheet HTML 13Page - Analog Devices ADPD105BCPZ Datasheet HTML 14Page - Analog Devices ADPD105BCPZ Datasheet HTML 15Page - Analog Devices ADPD105BCPZ Datasheet HTML 16Page - Analog Devices ADPD105BCPZ Datasheet HTML 17Page - Analog Devices ADPD105BCPZ Datasheet HTML 18Page - Analog Devices ADPD105BCPZ Datasheet HTML 19Page - Analog Devices ADPD105BCPZ Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 66 page
background image
ADPD105/ADPD106/ADPD107
Data Sheet
Rev. A | Page 16 of 66
12
3
A
B
C
D
E
F
LEDX2
LGND
ADPD107
TOP VIEW, BALL SIDE DOWN
(Not to Scale)
LEDX3
LEDX1
GPIO0
GPIO1
CS
MISO
DGND
MOSI
AVDD
AGND
VREF
PD1-2
PDC
PD3-4
SCLK
Figure 9. ADPD107 Pin Configuration
Table 14. ADPD107 Pin Function Descriptions
Pin No.
Mnemonic
Type1
Description
A1
LEDX2
AO
LED Driver 2 Current Sink. If not in use, leave this pin floating.
A2
LGND
S
LED Driver Ground.
B1
LEDX3
AO
LED Driver 3 Current Sink. If not in use, leave this pin floating.
B2
LEDX1
AO
LED Driver 1 Current Sink. If not in use, leave this pin floating.
B3
GPIO0
DIO
General Purpose I/O. This pin is used for interrupts and various clocking options.
C1
GPIO1
DIO
General Purpose I/O. This pin is used for interrupts and various clocking options.
C2
MISO
DO
Master Input, Slave Output.
C3
DGND
S
Digital Ground.
D1
CS
DI
SPI Chip Select. Active low.
D2
MOSI
DI
Master Output, Slave Input.
D3
SCLK
DI
SPI Clock Input.
E1
AVDD
S
1.8 V Analog Supply.
E2
AGND
S
Analog Ground.
E3
VREF
REF
Internally Generated ADC Voltage Reference. Buffer this pin with a 1 μF capacitor to AGND.
F1
PD1-2
AI
Photodiode Combined Current Input of PD1 and PD2. If not in use, leave this pin floating.
F2
PDC
AO
Photodiode Common Cathode Bias.
F3
PD3-4
AI
Photodiode Combined Current Input of PD3 and PD4. If not in use, leave this pin floating.
1 AO means analog output, S means supply, DIO means digital input/output, DO means digital output, DI means digital input, REF means voltage reference, and AI
means analog input.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com