Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS9201YDF8 Datasheet(PDF) 2 Page - ON Semiconductor

Part # CS9201YDF8
Description  Micropower 5.0 V, 100 mA Low Dropout Linear Regulator with NOCAP
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS9201YDF8 Datasheet(HTML) 2 Page - ON Semiconductor

  CS9201YDF8 Datasheet HTML 1Page - ON Semiconductor CS9201YDF8 Datasheet HTML 2Page - ON Semiconductor CS9201YDF8 Datasheet HTML 3Page - ON Semiconductor CS9201YDF8 Datasheet HTML 4Page - ON Semiconductor CS9201YDF8 Datasheet HTML 5Page - ON Semiconductor CS9201YDF8 Datasheet HTML 6Page - ON Semiconductor CS9201YDF8 Datasheet HTML 7Page - ON Semiconductor CS9201YDF8 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
CS9201
http://onsemi.com
2
MAXIMUM RATINGS*
Parameter
Value
Unit
Power Dissipation
Internally Limited
–
Input Voltage (VIN):
DC
Peak Transient Voltage (60 V Load Dump @ VIN = 14 V)
–15 to 36
74
V
V
Output Current
Internally Limited
–
ESD Susceptibility (Human Body Model)
4.0
kV
Package Thermal Resistance:
Junction–to–Case, RθJC
Junction–to–Ambient, RθJA
25
110
°C/W
°C/W
Junction Temperature
–40 to +150
°C
Storage Temperature
–55 to +150
°C
Lead Temperature Soldering:
Reflow (SMD styles only) Note 1
230 Peak
°C
1. 60 second maximum above 183
°C.
*The maximum package power dissipation must be observed.
ELECTRICAL CHARACTERISTICS (6.0 V
≤ VIN ≤ 26 V, IOUT = 1.0 mA, –40°C ≤ TJ ≤ 125°C; unless otherwise stated.)
Parameter
Test Conditions
Min
Typ
Max
Unit
Output Stage
Output Voltage, VOUT
9.0 V < VIN < 16 V, 100 uA ≤ IOUT ≤ 100 mA
6.0 V < VIN < 26 V, 100 uA ≤ IOUT ≤ 100 mA
4.90
4.85
5.00
5.00
5.10
5.15
V
V
Dropout Voltage (VIN–VOUT)
IOUT = 100 mA
IOUT = 100 µA
–
400
100
600
150
mV
mV
Load Regulation
VIN = 14 V, 100 µA ≤ IOUT ≤ 100 mA
–
5
50
mV
Line Regulation
6.0 V < V < 26 V, IOUT = 1.0 mA
–
5
50
mV
Quiescent Current, (IQ)
IOUT = 100 µA, VIN = 12 V
IOUT ≤ 50 mA
IOUT ≤ 100 mA
–
450
4
12
750
6
20
µA
mA
mA
Ripple Rejection
7.0 V
≤ VIN ≤ 17 V, IOUT = 100 mA, f = 120 Hz
60
75
–
dB
Current Limit
–
105
200
–
mA
Short Circuit Output Current
VOUT = 0 V
25
125
–
mA
Thermal Shutdown (Note 2)
–
150
180
–
°C
Overvoltage Shutdown
VOUT ≤ 1.0 V
28
32
36
V
2. This parameter is guaranteed by design, but not parametrically tested in production.
PACKAGE LEAD DESCRIPTION
Package Lead Number
SO–8
Lead Symbol
Function
1
VOUT
5.0 V,
± 2%, 100 mA output.
4, 5
NC
No connection.
2, 3, 6, 7
GND
Ground.
8
VIN
Input voltage.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com