Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS9201YDF8 Datasheet(PDF) 3 Page - ON Semiconductor

Part # CS9201YDF8
Description  Micropower 5.0 V, 100 mA Low Dropout Linear Regulator with NOCAP
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS9201YDF8 Datasheet(HTML) 3 Page - ON Semiconductor

  CS9201YDF8 Datasheet HTML 1Page - ON Semiconductor CS9201YDF8 Datasheet HTML 2Page - ON Semiconductor CS9201YDF8 Datasheet HTML 3Page - ON Semiconductor CS9201YDF8 Datasheet HTML 4Page - ON Semiconductor CS9201YDF8 Datasheet HTML 5Page - ON Semiconductor CS9201YDF8 Datasheet HTML 6Page - ON Semiconductor CS9201YDF8 Datasheet HTML 7Page - ON Semiconductor CS9201YDF8 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
CS9201
http://onsemi.com
3
TYPICAL PERFORMANCE CHARACTERISTICS
20
18
16
14
12
10
8
6
4
2
0
–2
100
90
80
70
60
50
40
30
20
10
0
Output Current (mA)
Figure 2. Load Regulation vs. Output Current
VIN = 14 V
–40
°C
125
°C
25
°C
4.97
4.96
–40
Temperature (
°C)
Figure 3. Output Voltage vs. Temperature VIN = 14 V
4.98
4.99
5.00
5.01
5.02
5.03
5.04
–20
0
20
40
60
80
100
120
140
20 mA
100 mA
100
µA
–12
6
Input Voltage (V)
Figure 4. Line Regulation vs. Input Voltage
IOUT = 100 µA
–10
–8
–6
–4
–2
0
2
4
6
8
10
12
8
1012
14
1618
2022
2426
25
°C
–40
°C
125
°C
0.3
0
Output Current (mA)
Figure 5. Quiescent Current vs. Output
Current (Lightly Loaded) VIN = 14 V
0.4
0.5
0.6
0.7
0.8
0.9
1
2
3
4
5
6
789
10
1
–40
°C
25
°C
125
°C
0
0
Output Current (mA)
Figure 6. Quiescent Current vs. Output
Current VIN = 14 V
2
4
6
8
10
12
10
20
30
40
50
60
70
80
90
100
14
125
°C
–40
°C
25
°C
0.30
4
Input Voltage (V)
Figure 7. Quiescent Current vs. Input Voltage
IOUT = 100 µA
0.35
0.40
0.45
0.50
0.55
0.60
6
8
10
12
14 16
18
20
22
24
0.65
0.70
26
125
°C
–40
°C
25
°C



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com