Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ITPL Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # ITPL
Description  Tower Light Series
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

ITPL Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  ITPL Datasheet HTML 1Page - M-System Co.,Ltd. ITPL Datasheet HTML 2Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MODEL: ITPL
http://www.m-system.co.jp/
ITPL SPECIFICATIONS
ES-2385 Rev.0 Page 1/2
Tower Light Series
MOUNTING POLE
Functions & Features
• Used for mounting Tower Light Series
• L-shaped mount and circular base mount are selectable
MODEL: ITPL-[1]030
ORDERING INFORMATION
• Code number: ITPL-[1]030
Specify a code from below for [1].
(e.g. ITPL-1030)
[1] TYPE
1: Circular Pedestal Mounting
2: Bracket Mounting
LENGTH
030: 30 cm (9.8 ft.)
Pole length is changeable (special option).
Consult M-System.
RELATED PRODUCTS
• LAN cable (model: ITCA)
GENERAL SPECIFICATIONS
Construction:
• Pole: Steel
• Base: Aluminium
Degree of Protection
• Type 1: IP65
• Type 2: IP13
(Degrees of protection when used in combination with
compatible models of the Tower Light Series.)
AVAILABLE MODELS
Tower Light Series IT40S, IT50S, IT60S series
INSTALLATION
Weight: Approx. 1 kg (2.21 lb) for type 1
Approx. 1 kg (2.21 lb) for type 2


Similar Part No. - ITPL

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
ITPL2 MSYSTEM-ITPL2 Datasheet
97Kb / 3P
MOUNTING POLE
ITPL2-C030 MSYSTEM-ITPL2-C030 Datasheet
97Kb / 3P
MOUNTING POLE
ITPL2-L030 MSYSTEM-ITPL2-L030 Datasheet
97Kb / 3P
MOUNTING POLE
More results

Similar Description - ITPL

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
IT60SRE MSYSTEM-IT60SRE Datasheet
181Kb / 4P
Tower Light Series
IT60SRC MSYSTEM-IT60SRC Datasheet
203Kb / 5P
Tower Light Series
IT60SA3 MSYSTEM-IT60SA3 Datasheet
288Kb / 6P
Tower Light Series
IT60SA2 MSYSTEM-IT60SA2 Datasheet
200Kb / 5P
Tower Light Series
IT60SA1 MSYSTEM-IT60SA1 Datasheet
209Kb / 7P
Tower Light Series
IT60RE MSYSTEM-IT60RE Datasheet
210Kb / 5P
ETHERNET TOWER LIGHT
IT50SW6F MSYSTEM-IT50SW6F Datasheet
435Kb / 10P
WIRELESS TOWER LIGHT
IT50SW5F MSYSTEM-IT50SW5F Datasheet
590Kb / 10P
WIRELESS TOWER LIGHT
IT50SRE MSYSTEM-IT50SRE Datasheet
180Kb / 4P
ETHERNET TOWER LIGHT
IT40SW6F MSYSTEM-IT40SW6F Datasheet
428Kb / 10P
WIRELESS TOWER LIGHT
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com