Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ITPL Datasheet(PDF) 2 Page - M-System Co.,Ltd.

Part # ITPL
Description  Tower Light Series
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

ITPL Datasheet(HTML) 2 Page - M-System Co.,Ltd.

  ITPL Datasheet HTML 1Page - M-System Co.,Ltd. ITPL Datasheet HTML 2Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MODEL: ITPL
http://www.m-system.co.jp/
ITPL SPECIFICATIONS
ES-2385 Rev.0 Page 2/2
DIMENSIONS unit: mm
■ TYPE 1
■ TYPE 2
*Not provided with type 2 (L-shaped mount).
60±1.5 dia.
25.4±1 dia.
(19.5±1 inside dia.)
100±1.5 dia.
Gasket
4
–Washer
4
–M5 × 20 Screw
4
–Spring Washer
4
–Nut
2
–Washer*
2
–Spring Washer*
2
–Nut*
25.4±1 dia.
(19.5±1 inside dia.)
60±1.5 dia.
65±1.5 dia.
Rubber Bush
Mounting Bracket
M24 Nuts
2
–M10 Bolt*
MOUNTING REQUIREMENTS unit: mm (inch)
32 (1.26)
■ TYPE 1
■ TYPE 2**
Front (Buzzer)
73 (2.87)
dia.
4–5 (.20) dia.
MTG HOLE
* Protect wires to prevent scratching them at the edge of the compartment.
Determine the hole diameter according to the size of the wires and connectors.
**For type 2 (L-shaped mount), bolts, nuts, washers and spring washers are to be prepared by user.
2–11 (.43) dia.
MTG HOLE
Specifications are subject to change without notice.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com